Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 16 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 16 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 15Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 16Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 17Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 18Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 19Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Design Example
Specifications
VOUT
5V @ 1.5A, Pulsed Load ILOAD = 1.5A
VIN
12V nominal
FOSC
800kHz
TAMB
85°C in TDFN34-16 Package
Output Inductor
VOUT
3.3
L =
· 3.8µH = 5.75µH; use 4.7µH (see Table 2)
ΔIL = 0.32 · ILOAD = 480mA
For Cooper Bussman inductor DR73-4R7-R 4.7μH DCR = 29.7mW max.
VOUT
VO1
5
V
5V
ΔI1 =
⋅ 1 -
=
⋅ 1 -
= 480mA
L1 ⋅ FOSC
VIN
4.7µH ⋅ 800kHz
12V
IPK1 = ILOAD + ΔI
1 = 1.5A + 0.480A = 1.98A
2
PL1 = ILOAD2 ⋅ DCR = 3A2 ⋅ 13mΩ = 117mW
Output Capacitor
VDROOP = 0.2V
1
23
1
5V · (12V - 5V)
4.7µH · 800kHz · 12V
23
RMS(MAX)
I
L · FOSC · VIN(MAX)
=
·
·
3 · ΔILOAD
VDROOP · FOSC
3 · 1.5A
0.2V · 800kHz
COUT =
=
= 28µF; use 22µF
·
= 139mArms
·
(VOUT) · (VIN(MAX) - VOUT) =
Pesr = esr · IRMS2 = 5mΩ · (277mA)2 = 384µW
Input Capacitor
Input Ripple VPP = 50mV
CIN =
=
= 11µF; use 10µF
1
⎛⎞
- ESR ·
4 · FOSC
⎝⎠
VPP
ILOAD
1
⎛⎞
- 5mΩ ·
4 · 800kHz
⎝⎠
50mV
1.5A
ILOAD
RMS(MAX)
I
P = esr · IRMS2 = 5mΩ · (0.75A)2 = 2.81mW
2
=
= 0.75Arms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com