Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
High efficiency is maintained under light load conditions
by automatically switching to variable frequency Light
Load control. In this condition, transition losses are
reduced by operating at a lower frequency at light
loads.
Short-Circuit Protection
The AAT1162 uses a cycle-by-cycle current limit to pro-
tect itself and the load from an external fault condition.
When the inductor current reaches the internally set
3.0A current limit, the P-channel MOSFET switch turns
off and the N-channel synchronous rectifier is turned on,
limiting the inductor and the load current.
During an overload condition, when the output voltage
drops below 50% of the regulation voltage (0.3V at FB),
the AAT1162 switching frequency drops by a factor of 4.
This gives the inductor current ample time to reset dur-
ing the off time to prevent the inductor current from
rising uncontrolled in a short-circuit condition.
Thermal Protection
The AAT1162 includes thermal protection that disables
the regulator when the die temperature reaches 140ºC.
It automatically restarts when the temperature decreas-
es by 25ºC or more.
Applications Information
Setting the Output Voltage
Figure 1 shows the basic application circuit for the
AAT1162 and output setting resistors. Resistors R1 and
R2 program the output to regulate at a voltage higher
than 0.6V. To limit the bias current required for the
external feedback resistor string while maintaining good
noise immunity, the minimum suggested value for R2 is
5.9kΩ. Although a larger value will further reduce quies-
cent current, it will also increase the impedance of the
feedback node, making it more sensitive to external
noise and interference. Table 1 summarizes the resistor
values for various output voltages with R2 set to either
5.9kΩ for good noise immunity or 59kΩ for reduced no
load input current.
PGND
AGND
LX
LX
IN
IN
EN
DGND
FB
AAT1162
C6
10μF
VIN 4.5V- 13.2V
L1
3.8μH
C1
100pF
C3
22μF
R3
432k
Ω
R6
59k
Ω
VOUT
5V, 1.5A
3
5
4
6
9
2
1
11
10
AIN
7
DGND
LDO
DGND
COMP
LX
DGND
R5
24k
Ω
C7
330pF
C9
1μF
C2
0.1μF
R4
10
Ω
14
8
13
16
EP1
EP2
C8
1μF
Figure 1: Typical Application Circuit.
The adjustable feedback resistors, combined with an
external feed forward capacitor (C1 in Figure 1), deliver
enhanced transient response for extreme pulsed load
applications. The addition of the feed forward capacitor
typically requires a larger output capacitor C3 for stabil-
ity. Larger C1 values reduce overshoot and undershoot
during startup and load changes. However, do not
exceed 470pF to maintain stable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com