Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  DR73-4R7-R Datasheet HTML 1Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 2Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 3Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 4Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 5Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Typical Characteristics
Test circuit of Figure 2, unless otherwise specified.
Efficiency vs. Output Current
(VOUT = 5V)
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
VIN = 6V
VIN = 8.4V
VIN = 10V
VIN = 12V
VIN = 13.2V
Load Regulation
(VOUT = 5V)
Output Current (A)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.0001
0.001
0.01
0.1
1
10
VIN = 6V
VIN = 8.4V
VIN = 10V
VIN = 12V
VIN = 13.2V
Efficiency vs. Output Current
(VOUT = 3.3V)
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
VIN = 5V
VIN = 8.4V
VIN = 10V
VIN = 12V
VIN = 13.2V
Load Regulation
(VOUT = 3.3V)
Output Current (A)
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
1
10
100
1000
10000
VIN = 5V
VIN = 8.4V
VIN = 10V
VIN = 12V
VIN = 13.2V
Line Regulation
(VOUT = 5V)
Input Voltage (V)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
6
7
8
9
10
11
12
1.5A
1mA
10mA
100mA
Line Regulation
(VOUT = 3.3V)
Input Voltage (V)
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
56
7
8
9
10
11
12
1.5A
1mA
10mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com