Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 15Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Manufacturer
Part Number
L (μH)
Max DCR
(mΩ)
Rated DC
Current (A)
Size WxLxH
(mm)
Sumida
CDRH103RNP-2R2N
2.2
16.9
5.10
10.3x10.5x3.1
Sumida
CDR7D43MNNP-3R7NC
3.7
18.9
4.3
7.6x7.6x4.5
Coilcraft
MSS1038-382NL
3.8
13
4.25
10.2x7.7x3.8
Cooper Bussman
DR73-4R7-R
4.7
29.7
3.09
6.0x7.6x3.55
Wurth
7440530047
4.7
38
2.40
5.8x5.8x2.8
Table 2: Typical Surface Mount Inductors.
To estimate the required input capacitor size, determine
the acceptable input ripple level (VPP) and solve for C.
The calculated value varies with input voltage and is a
maximum when VIN is double the output voltage.
⎛⎞
· 1 -
⎝⎠
VO
VIN
CIN =
VO
VIN
⎛⎞
- ESR
·
FOSC
⎝⎠
VPP
IO
⎛⎞
· 1 -
=
for VIN = 2 · VO
⎝⎠
VO
VIN
VO
VIN
1
4
CIN(MIN) =
1
⎛⎞
- ESR
·
4 · FOSC
⎝⎠
VPP
IO
Always examine the ceramic capacitor DC voltage coef-
ficient characteristics when selecting the proper value.
For example, the capacitance of a 10μF, 16V, X5R ceram-
ic capacitor with 12V DC applied is actually about 8.5μF.
The maximum input capacitor RMS current is:
⎛⎞
IRMS = IO ·
· 1 -
⎝⎠
VO
VIN
VO
VIN
The input capacitor RMS ripple current varies with the
input and output voltage and will always be less than or
equal to half of the total DC load current:
⎛⎞
· 1 -
= D · (1 - D) =
0.52 =
⎝⎠
VO
VIN
VO
VIN
1
2
for VIN = 2 · VO
IO
RMS(MAX)
I
2
=
The term
⎛⎞
· 1 -
⎝⎠
VO
VIN
VO
VIN
appears in both the input voltage
ripple and input capacitor RMS current equations and is
at maximum when VO is twice VIN. This is why the input
voltage ripple and the input capacitor RMS current ripple
are a maximum at 50% duty cycle. The input capacitor
provides a low impedance loop for the edges of pulsed
current drawn by the AAT1162. Low ESR/ESL X7R and
X5R ceramic capacitors are ideal for this function. To
minimize stray inductance, the capacitor should be
placed as closely as possible to the IC. This keeps the
high frequency content of the input current localized,
minimizing EMI and input voltage ripple. The proper
placement of the input capacitor (C6) can be seen in the
evaluation board layout in Figure 3. Additional noise fil-
tering for proper operation is accomplished by adding a
small 0.1μF capacitor on the IN pins (C2).
A laboratory test set-up typically consists of two long
wires running from the bench power supply to the eval-
uation board input voltage pins. The inductance of these
wires, along with the low-ESR ceramic input capacitor,
can create a high Q network that may affect converter
performance. This problem often becomes apparent in
the form of excessive ringing in the output voltage dur-
ing load transients. Errors in the loop phase and gain
measurements can also result. Since the inductance of a
short PCB trace feeding the input voltage is significantly
lower than the power leads from the bench power sup-
ply, most applications do not exhibit this problem. In
applications where the input power source lead induc-
tance cannot be reduced to a level that does not affect
the converter performance, a high ESR tantalum or alu-
minum electrolytic should be placed in parallel with the
low ESR, ESL bypass ceramic. This dampens the high Q
network and stabilizes the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com