Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 15Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 16Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Output Capacitor Selection
The output capacitor is required to keep the output volt-
age ripple small and to ensure regulation loop stability.
The output capacitor must have low impedance at the
switching frequency. Ceramic capacitors with X5R or
X7R dielectrics are recommended due to their low ESR
and high ripple current. The output ripple VOUT is deter-
mined by:
⎛⎞
· ESR +
Δ
VOUT
⎝⎠
VOUT · (VIN - VOUT)
VIN · FOSC · L
1
8 · FOSC · COUT
The output capacitor limits the output ripple and pro-
vides holdup during large load transitions. A 10μF to
47μF X5R or X7R ceramic capacitor typically provides
sufficient bulk capacitance to stabilize the output during
large load transitions and has the ESR and ESL charac-
teristics necessary for low output ripple. The output volt-
age droop due to a load transient is dominated by the
capacitance of the ceramic output capacitor. During a
step increase in load current, the ceramic output capac-
itor alone supplies the load current until the loop
responds. Within two or three switching cycles, the loop
responds and the inductor current increases to match
the load current demand. The relationship of the output
voltage droop during the three switching cycles to the
output capacitance can be estimated by:
COUT = 3 · ΔILOAD
VDROOP · FOSC
Once the average inductor current increases to the DC
load level, the output voltage recovers. The above equa-
tion establishes a limit on the minimum value for the
output capacitor with respect to load transients. The
internal voltage loop compensation also limits the mini-
mum output capacitor value to 22μF. This is due to its
effect on the loop crossover frequency (bandwidth),
phase margin, and gain margin. Increased output capac-
itance will reduce the crossover frequency with greater
phase margin.
The maximum output capacitor RMS ripple current is
given by:
1
23
VOUT · (VIN(MAX) - VOUT)
RMS(MAX)
I
L · FOSC · VIN(MAX)
·
Dissipation due to the RMS current in the ceramic output
capacitor ESR is typically minimal, resulting in less than
a few degrees rise in hot-spot temperature.
Compensation
The AAT1162 step-down converter uses peak current
mode control with slope compensation scheme to main-
tain stability with lower value inductors for duty cycles
greater than 50%. The regulation feedback loop in the
IC is stabilized by the components connected to the
COMP pin, as shown in Figure 1.
To optimize the compensation components, the following
equations can be used. The compensation resistor RCOMP
(R5) is calculated using the following equation:
2πVOUT · COUT · FOSC
10GEA · GCOMP · VFB
RCOMP (R5)=
Where VFB = 0.6V, GCOMP = 40.1734 and GEA = 9.091 ·
10-5.
FOSC is the switching frequency and COUT is based on the
output capacitor calculation.
The CCOMP value can be
determined from the following equation:
CCOMP (C7) =
4
⎛⎞
2πRCOMP (R5) · ⎝⎠
FOSC
10
The feed forward capacitor CFF (C1) provides faster
transient response for pulsed load applications. The
addition of the feed forward capacitor typically requires
a larger output capacitor C1 for stability. Larger C1 val-
ues reduce overshoot and undershoot during startup
and line/load changes. The CFF value can be from 100pF
to 470pF, but do not exceed 470pF to maintain stable
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com