Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 15Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 16Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 17Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 18Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 19Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
VIN
VOUT
IN
5
AIN
7
PGND
16
LDO
8
LX
2
N/C
3
N/C
12
IN
4
DGND
13
FB
9
EN
15
DGND
14
AGND
11
LX
1
COMP
10
DGND
6
U1
AAT1162
DGND
*Note: Connect GND, DGND, and AGND at IC EP1
R1
4.75K
R2
4.75K
R4
10
Ω
R5
24K
R3
432K
R6
59K
C6
10μF
C8
1μF
C2
0.1μF
C9
1μF
C3
22μF
C4
NP
C5
NP
C7
330pF
C1
100pF
JP1
Enable
TP3
Enable
TP2
LX
TP4
VOUT
TP6
VOUT
TP12
GND
TP8
GND
TP11
GND
TP9
GND
TP13
GND
TP5
VIN
TP7
VIN
TB2
VOUT
TB1
VIN
TP1
GND
L1
3.8μH
*
TP14
GND
Figure 2: AAT1162 Evaluation Board Schematic.
Figure 3: AAT1162 Evaluation Board
Figure 4: AAT1162 Evaluation Board
Component Side Layout.
Solder Side Layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com