Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 3Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 4Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 5Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Typical Characteristics
Test circuit of Figure 2, unless otherwise specified.
Line Transient
(VOUT = 5.0V; CFF = 100pF; VIN = 7.6V to 11V;
IOUT = 1.5A; CIN = 10µF; COUT = 22µF; L = 3.8µH)
Time (100µs/div)
4
5
6
7
8
9
10
11
12
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
Load Transient
(VOUT = 3.3V; CFF = 100pF; COUT = 66µF)
Time (50µs/div)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
10mA
1.5A
Load Transient
(VOUT = 3.3V; COUT = 66µF; No CFF)
Time (50µs/div)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
10mA
1.5A
Load Transient
(VOUT = 5V; CFF = 100pF; COUT = 66µF)
Time (50µs/div)
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
10mA
1.5A
Load Transient
(VOUT = 5V; COUT = 66µF; No CFF)
Time (50µs/div)
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
10mA
1.5A
V
OUT vs. Temperature
(VOUT = 3.3V; ILOAD = 1.5A)
Temperature (°C)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40 -30 -20 -10
0
10203040 50607080
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com