Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 14 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 14 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 15Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 16Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 17Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 18Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Layout Guidance
Figure 2 is the schematic for the evaluation board. When
laying out the PC board, the following layout guideline
should be followed to ensure proper operation of the
AAT1162:
1. Exposed pad EP1 must be reliably soldered to PGND/
DGND/AGND. The exposed thermal pad should be
connected to board ground plane and pins 6, 11, 13,
14 and 16. The ground plane should include a large
exposed copper pad under the package for thermal
dissipation.
2. The power traces, including GND traces, the LX
traces and the VIN trace should be kept short, direct
and wide to allow large current flow. The L1 connec-
tion to the LX pins should be as short as possible.
Use several via pads when routing between layers.
3. Exposed pad pin EP2 must be reliably soldered to the
LX pins 1 and 2. The exposed thermal pad should be
connected to the board LX connection and the induc-
tor L1 and also pins 1 and 2. The LX plane should
include a large exposed copper pad under the pack-
age for thermal dissipation.
4. The input capacitors (C9 and C1) should be con-
nected as close as possible to IN (Pins 4 and 5) and
DGND (Pin 6) to get good power filtering.
5. Keep the switching node LX away from the sensitive
FB node.
6. The feedback trace for the FB pin should be separate
from any power trace and connected as closely as
possible to the load point. Sensing along a high-
current load trace will degrade DC load regulation.
The feedback resistors should be placed as close as
possible to the FB pin (Pin 9) to minimize the length
of the high impedance feedback trace.
7. The output capacitors C3, 4, and 5 and L1 should be
connected as close as possible and there should not
be any signal lines under the inductor.
8. The resistance of the trace from the load return to
the PGND (Pin 16) should be kept to a minimum.
This will help to minimize any error in DC regulation
due to differences in the potential of the internal
signal ground and the power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com