Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 192 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 192 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 188Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 196Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 304 page
background image
192
Am79C973/Am79C975
P R E L I M INARY
dress of the PMR word to be accessed. Following the
write to BCR45, the PMR word may be read by reading
BCR45, BCR46 and BCR47 in any order. To write to
PMR word, the write to BCR45 must be followed by a
write to BCR46 and a write to BCR47 in that order to
complete the operation. The RAM will not actually be
written until the write to BCR47 is complete. The write
to BCR47 causes all 5 bytes (four bytes of BCR46-47
and the upper byte of the BCR45) to be written to what-
ever PMR word is addressed by bits 6:0 of BCR45.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-8
PMR_B2
Pattern Match RAM Byte 2. This
byte is written into or read from
Byte 2 of the Pattern Match RAM.
Read and write accessible al-
ways. PMR_B2 is undefined after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
7-0
PMR_B1
Pattern Match RAM Byte 1. This
byte is written into or read from
Byte 1 of Pattern Match RAM.
Read and write accessible al-
ways. PMR_B1 is undefined after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
BCR47: OnNow Pattern Matching Register 3
Note: This register is used to control and indirectly ac-
cess the Pattern Match RAM (PMR). When BCR45 is
written and the PMAT_MODE bit (bit 7) is 1, Pattern
Match logic is enabled. No bus accesses into PMR are
possible, and BCR46, BCR47, and all other bits in
BCR45 are ignored. When PMAT_MODE is set, a read
of BCR45, BCR46, or BCR47 returns all undefined bits
except for PMAT_MODE.
When BCR45 is written and the PMAT_MODE bit is 0,
the Pattern Match logic is disabled and accesses to the
PMR are possible. Bits 6-0 of BCR45 specify the ad-
dress of the PMR word to be accessed. Following the
write to BCR45, the PMR word may be read by reading
BCR45, BCR46 and BCR47 in any order. To write to
PMR word, the write to BCR45 must be followed by a
write to BCR46 and a write to BCR47 in that order to
complete the operation. The RAM will not actually be
written until the write to BCR47 is complete. The write
to BCR47 causes all 5 bytes (four bytes of BCR46-47
and the upper byte of the BCR45) to be written to what-
ever PMR word is addressed by bits 6:0 of BCR45.
When PMAT_MODE is 0, the contents of the word ad-
dressed by bits 6:0 of BCR45 can be read by reading
BCR45-47 in any order.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-8
PMR_B4
Pattern Match RAM Byte 4. This
byte is written into or read from
Byte 4 of Pattern Match RAM.
Read and write accessible al-
ways. PMR_B4 is undefined after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
7-0
PMR_B3
Pattern Match RAM Byte 3. This
byte is written into or read from
Byte 3 of Pattern Match RAM.
Read and write accessible al-
ways. PMR_B3 is undefined after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
BCR48-BCR55: Reserved Locations for Am79C975
These registers must be 00h for the Am79C973 con-
troller.
PHY Management Registers (ANRs)
The Am79C973/Am79C975 device supports the MII
basic register set and extended register set. Both sets
of registers are accessible through the PHY Manage-
ment Interface. As specified in the IEEE standard, the
basic register set consists of the Control Register (Reg-
ister 0) and the Status Register (Register 1). The ex-
tended register set consists of Registers 2 to 31
(decimal).
Table 39 lists all the registers implemented in the de-
vice. All the reserved registers should not be written to,
and reading them will return a zero value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com