Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 194 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 194 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 196Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 198Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 304 page
background image
194
Am79C973/Am79C975
P R E L I M INARY
Table 40. ANR0: PHY Control Register (Register 0)
Notes:
1. R/W = Read/Write, SC = Self Clearing, RO = Read only.
2. Soft Reset does not reset the PDX block. Refer to the Soft Reset Section for details.
3. Bits 8 and 13 have no effect if Auto-Negotiation is enabled (Bit 12 = 1).
Reg
Bits
Name
Description
Read/Write
(Note 1)
Default
Value
Soft
Reset
0
15
Soft Reset (Note 2)
When write: 1 = PHY software reset,
0 = normal operation.
When read: 1 = reset in process,
0 = reset done.
R/W, SC
0
0
014
Loopback
1 =asserts the internal LPBCK,
0 = deasserts the internal LPBCK
R/W
0
0
013
Speed Selection
(Note 3)
1 = 100 Mbps,
0 = 10 Mbps
R/W
1
1
012
Auto-Negotiation
Enable
1 = enable Auto-Negotiation,
0 = disable Auto-Negotiation
R/W
1
1
0
11
Power Down
1 = power down, 0 = normal operation
R/W
0
0
010
Isolate
1 = electrically isolate PHY
0 = normal operation
R/W
1
1
09
Restart Auto-
Negotiation
1 = restart Auto-Negotiation,
0 = normal operation
R/W, SC
0
0
08
Duplex Mode
(Note 3)
1 = full duplex,
0 = half duplex
R/W
1
Retains
previous
value
0
7
Collision Test
1 = enable COL signal test,
0 = disable COL signal test
R/W
0
0
0
6-0
Reserved
Write as 0, ignore on read
RO
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com