Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 201 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 201 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 200Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 205Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 304 page
background image
Am79C973/Am79C975
201
P R E L I M INARY
Table 50. ANR17: PHY Control/Status Register (Register 17)
Reg
Bits
Name
Description
Read/Write
H/W
Reset
Soft Reset
17
15
SDISALIGN
(100M)
1 = pass unaligned data to internal PHY
0 = enable alignment block
R/W
0
Retains
Previous
Value
17
14
SDISSCR
(100M)
1 = disable scrambler/descrambler
0 = enable scrambler/descrambler
R/W
0
Retains
Previous
Value
17
13
Force Link Good
Enable
1 = link status forced to link up state.
0 = link status is determined by the device.
R/W
0
0
17
12
Disable Link Pulse
(10M)
1 = Link pulses sent from the
10BASE-T transmitter are suppressed.
R/W
0
0
17
11
SQE_TEST Disable
(10M)
1 = Disables the SQE heartbeat which
occurs after each 10BASE-T transmission.
0 = The heart beat assertion occurs on the
COL pin approximately 1 µs after
transmission and for a duration of 1 µs.
R/W
0
0
17
10
EN_FEFI
(100M)
1 = enable FEFI, 0 = disable FEFI
This bit is ignored if auto-neg is enabled.
R/W
0
0
17
9
Jabber Detect
Disable (10M)
1 = disable jabber detect
0 = enable jabber detect
R/W
0
0
17
8:7
LBK[1-0]
(100M)
00 = normal operation
01 = unused
10 = unused
11 = serial loopback
R/W
00
00
17
6
Receive Polarity
Reversed
(10M)
1 = Receive polarity of the 10BASE-T
receiver is reversed.
0 = Receive polarity is correct.
RO
0
0
17
5
Auto Receive
Polarity Correction
Disable (10M)
1 = polarity correction circuit is disabled for
10BASE-T.
0 = Self correcting polarity circuit is enabled
R/W
0
0
17
4
Extended Distance
Enable
(10M)
1 = 10BASE-T receive squelch thresholds
are reduced to allow reception of frames
which are greater than 100 meters.
0 = Squelch thresholds are set for standard
distance of 100 meters.
R/W
0
0
17
3
TX_DISABLE
1 = TX± outputs not active for MLT-3 and
10BASE-T. TX± outputs to logical “0” for
PECL.
0 = Transmit valid data.
R/W
0
0
17
2
TX_CRS
1 = CRS is asserted when transmit or
receive medium is active.
0 = CRS is asserted when receive medium
is active.
RO
1
1
17
1
Reserved
Reserved.
RO
0
0
17
0
PHY Isolated
1 = Internal PHY is isolated
0 = Internal PHY is enabled
RO
0/1
0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com