Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 202 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 202 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 200Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 206Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 304 page
background image
202
Am79C973/Am79C975
P R E L I M INARY
ANR18: Descrambler Resynchronization Timer
Register (Register 18)
Descrambler Resynchronization Timer Register
(shown in Table 51) allows the user to program the time
it takes for the descrambler to start the resynchroniza-
tion process. This is to ensure that the Descrambler re-
synchronizes itself to the next IDLE symbol stream
after it receives a packet of excessive length. This reg-
ister should be programmed as described in the Table
51. The programmed timer value should always be
greater than the length of the maximum size packet in
normal operation.
Table 51. ANR18: Descrambler Resynchronization Timer (Register 18)
Note:
1. The corresponding time to this setting is 1ms.
ANR19: PHY Management Extension Register
(Register 19)
Table 52 contains the PHY Management Extension
Register (Register 19) bits.
Table 52. ANR19: PHY Management Extension Register (Register 19)
ANR24: Summary Status Register (Register 24)
The Summary Status register is a global register con-
taining status information. This register is Read/Only
and represents the most important data which a single
register access can convey. The Summary Status reg-
ister indicates the following: Link Status, Full Duplex
Status, Auto-Negotiation Alert, and Speed. See Table
53.
Reg
Bits
Name
Description
Read/
Write
Default
Value
Soft
Reset
18
15-0
Descrambler Resynch Timer
Each bit indicates 4 clocks, or 160
ns. The count decrements from a
default value of 1 ms or an initial
value loaded by the user. This
counter provides a maximum timer
value of 10.5 ms.
R/W
000110000
1101010
(Note 1)
0001100
0011010
10
(Note 1)
Reg
Bits
Name
Description
Read/Write
Default Value
Soft Reset
19
15:6
Reserved
Write as 0, ignore on read.
RO
0
0
19
5
Mgmt Frame
Format
1 = last management frame
was invalid (opcode error, etc.);
0 = last management frame
was valid.
RO
0
0
19
4-0
PHY Address
PHY Address defaults to
11110.
RO
11110
Retains
Previous
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com