Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 209 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 209 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 206Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 207Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 208Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 209Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 210Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 211Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 212Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 213Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 304 page
background image
Am79C973/Am79C975
209
P R E L I M INARY
Transmit Descriptors
When SWSTYLE (BCR20, bits 7-0) is set to 0, the soft-
ware structures are defined to be 16 bits wide, and trans-
mit descriptors look like Table 61 (CXDA = Current
Transmit Descriptor Address).
When SWSTYLE (BCR 20, bits 7-0) is set to 2, the
software structures are defined to be 32 bits wide, and
transmit descriptors look like Table 62 (CXDA = Current
Transmit Descriptor Address).
When SWSTYLE (BCR 20, bits 7-0) is set to 3, then the
software structures are defined to be 32 bits wide, and
transmit descriptors look like Table 63 (CXDA = Current
Transmit Descriptor Address).
TMD0
Bit
Name
Description
31-0
TBADR
Transmit Buffer address. This
field contains the address of the
transmit buffer that is associated
with this descriptor.
TMD1
Bit
Name
Description
31
OWN
This bit indicates whether the de-
scriptor entry is owned by the
host (OWN = 0) or by the
Am79C973/Am79C975 controller
(OWN = 1). The host sets the
OWN bit after filling the buffer
pointed to by the descriptor entry.
The Am79C973/Am79C975 con-
troller clears the OWN bit after
transmitting the contents of the
buffer.
Both
the
Am79C973/
Am79C975 controller and the
host must not alter a descriptor
entry after it has relinquished
ownership.
30
ERR
ERR is the OR of UFLO, LCOL,
LCAR, RTRY or BPE. ERR is set
by
the
Am79C973/Am79C975
controller and cleared by the
host. This bit is set in the current
descriptor when the error occurs
Table 61. Transmit Descriptor (SWSTYLE = 0)
Address
15
14
13
12
11
10
9
8
7-0
CXDA+00h
TBADR[15:0]
CXDA+02h
OWN
ERR
ADD_
FCS
MORE/
LTINT
ONE
DEF
STP
ENP
TBADR[23:16]
CXDA+04h
1
1
1
1
BCNT
CXDA+06h
BUFF
UFLO
EX
DEF
LCOL
LCAR
RTRY
TDR
Table 62. Transmit Descriptor (SWSTYLE = 2)
Address
31
30
29
28
27
26
25
24
23
22-16
15-12
11-4
3-0
CXDA+00h
TBADR[31:0]
CXDA+04h
OWN
ERR
ADD_
FCS
MORE/
LTINT
ONE
DEF
STP
ENP
BPE
RES
1111
BCNT
CXDA+08h
BUFF
UFLO
EX
DEF
LCOL
LCAR
RTRY
RES
RES
RES
RES
RES
RES
TRC
CXDA+0Ch
USER SPACE
Table 63. Transmit Descriptor (SWSTYLE = 3)
Address
31
30
29
28
27
26
25
24
23
22-16
15-12
11-4
3-0
CXDA+00h
BUFF
UFLO
EX
DEF
LCOL
LCAR
RTRY
RES
RES
TRC
CXDA+04h
OWN
ERR
ADD_
FCS
MORE/
LTINT
ONE
DEF
STP
ENP
BPE
RES
1111
BCNT
CXDA+08h
TBADR[31:0]
CXDA+0Ch
USER SPACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com