Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 211 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 211 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 207Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 208Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 209Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 210Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 211Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 212Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 213Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 214Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 215Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 304 page
background image
Am79C973/Am79C975
211
P R E L I M INARY
when a parity error occurred on
the bus interface during a data
transfers from the transmit buffer
associated with this descriptor.
The Am79C973/Am79C975 con-
troller will only set BPE when the
advanced parity error handling is
enabled by setting APERREN
(BCR20, bit 10) to 1. BPE is set
by
the
Am79C973/Am79C975
controller and cleared by the
host.
This bit does not exist, when the
Am79C973/Am79C975 controller
is programmed to use 16-bit soft-
ware structures for the descriptor
ring entries (BCR20, bits 7-0,
SWSTYLE is cleared to 0).
22-16 RES
Reserved locations.
15-12 ONES
These four bits must be written as
ones. This field is written by the
host
and
unchanged
by
the
Am79C973/Am79C975
control-
ler.
11-00 BCNT
Buffer Byte Count is the usable
length of the buffer pointed to by
this descriptor, expressed as the
two’s complement of the length of
the buffer. This is the number of
bytes from this buffer that will be
transmitted by the Am79C973/
Am79C975 controller. This field is
written by the host and is not
changed
by
the
Am79C973/
Am79C975 controller. There are
no minimum buffer size restric-
tions.
TMD2
Bit
Name
Description
31
BUFF
Buffer
error
is
set
by
the
Am79C973/Am79C975 controller
during transmission when the
Am79C973/Am79C975 controller
does not find the ENP flag in the
current descriptor and does not
own the next descriptor. This can
occur in either of two ways:
1. The OWN bit of the next buffer
is 0.
2. FIFO underflow occurred be-
fore the Am79C973/Am79C975
controller obtained the STATUS
byte (TMD1[31:24]) of the next
descriptor. BUFF is set by the
Am79C973/Am79C975 controller
and cleared by the host.
If a Buffer Error occurs, an Un-
derflow Error will also occur.
BUFF is set by the Am79C973/
Am79C975
controller
and
cleared by the host.
30
UFLO
Underflow error indicates that the
transmitter has truncated a mes-
sage because it could not read
data from memory fast enough.
UFLO indicates that the FIFO has
emptied before the end of the
frame was reached.
When DXSUFLO (CSR3, bit 6) is
cleared to 0, the transmitter is
turned off when an UFLO error
occurs (CSR0, TXON = 0).
When DXSUFLO is set to 1, the
Am79C973/Am79C975 controller
gracefully
recovers
from
an
UFLO error. It scans the transmit
descriptor ring until it finds the
start of a new frame and starts a
new transmission.
UFLO is set by the Am79C973/
Am79C975
controller
and
cleared by the host.
29
EXDEF
Excessive Deferral. Indicates that
the transmitter has experienced
Excessive Deferral on this trans-
mit frame, where Excessive De-
ferral is defined in the ISO 8802-3
(IEEE/ANSI 802.3) standard. Ex-
cessive Deferral will also set the
interrupt bit EXDINT (CSR5, bit
7).
28
LCOL
Late Collision indicates that a col-
lision has occurred after the first
channel slot time has elapsed.
The Am79C973/Am79C975 con-
troller does not retry on late colli-
sions.
LCOL
is
set
by
the
Am79C973/Am79C975 controller
and cleared by the host.
27
LCAR
Loss of Carrier is set when the
carrier
is
lost
during
an
Am79C973/Am79C975 controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com