Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 224 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 224 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 220Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 221Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 222Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 223Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 224Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 225Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 226Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 227Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 228Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 304 page
background image
224
Am79C973/Am79C975
P R E L I M INARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature. . . . . . . . . . . . . -65
°C to +70°C
Supply voltage with respect to VSSB, VSS, DVSSD,
DVSSP, and DVSSX . . . . . . . . . . . . . . –0.3 V to 3.63 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA) . . . . . . . . . . . . . . . . . .0
°C to +70°C
Supply Voltages:
VDD, VDDB, VDD_PCI, . . . . . . . . . . . . . . +3.0 V to 3.6 V
DVDDD, DVDDA, DVDDP, DVDDTX, DVDDRX,
and DVDDCO . . . . . . . . . . . . . . . . . . . . . +3.3 V ±5%
All inputs within the range: . . . . . . VSS - 0.5 V to 5.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com