Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 228 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 228 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 224Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 225Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 226Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 227Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 228Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 229Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 230Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 231Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 232Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 304 page
background image
228
Am79C973/Am79C975
P R E L I M INARY
SWITCHING CHARACTERISTICS: BUS INTERFACE (CONCLUDED)
Notes:
1. Not tested; parameter guaranteed by design characterization.
2. Parameter value is given for automatic EEPROM read operation. When EEPROM port (BCR19) is used to access the EE-
PROM, software is responsible for meeting EEPROM timing requirements.
Analog I/O - PECL Mode
Notes:
1. Applies to RX+, RX-, SDI+, SDI- inputs only. Any voltage applied to these pins must not be below VI min or above VI max.
2. Tested for DVDD = Minimum, shown limits are specified over entire DVDD operating range.
3. Applies to TX+,TX- outputs only. Measured with the load of 82 W to DVDD and 150 W to DVSS on each SDI+ and SDI-.
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
EEPROM Timing
fEESK
EESK Frequency
(Note 2)
650
kHz
tHIGH (EESK)
EESK High Time
780
ns
tLOW (EESK)
EESK Low Time
780
ns
tVAL (EEDI)
EEDI Valid Output Delay from EESK (Note 2)
-15
15
ns
tVAL (EECS)
EECS Valid Output Delay from EESK (Note 2)
-15
15
ns
tLOW (EECS)
EECS Low Time
1550
ns
tSU (EEDO)
EEDO Setup Time to EESK
(Note 2)
50
ns
tH (EEDO)
EEDO Hold Time from EESK
(Note 2)
0
ns
JTAG (IEEE 1149.1) Test Signal Timing
tJ1
TCK Frequency
10
MHz
tJ2
TCK Period
100
ns
tJ3
TCK High Time
@ 2.0 V
45
ns
tJ4
TCK Low Time
@ 0.8 V
45
ns
tJ5
TCK Rise Time
4
ns
tJ6
TCK Fall Time
4
ns
tJ7
TDI, TMS Setup Time
8
ns
tJ8
TDI, TMS Hold Time
10
ns
tJ9
TDO Valid Delay
3
30
ns
tJ10
TDO Float Delay
50
ns
tJ11
All Outputs (Non-Test) Valid Delay
3
25
ns
tJ12
All Outputs (Non-Test) Float Delay
36
ns
tJ13
All Inputs (Non-Test)) Setup Time
8
ns
tJ14
All Inputs (Non-Test) Hold Time
7
ns
Symbol
Parameter Description
Test Conditions
Minimum
Maximum
Unit
VI
Input Voltage Range (Note 1)
2.0 V
DVDD-0.30
V
VOH
Output High Voltage
PECL Load (Notes 2, 3)
DVDD-0.45
DVDD-0.30
V
VOL
Output Low Voltage
PECL Load (Notes 2, 3)
DVDD-1.4
DVDD-1.15
V
VDIFF
Input Differential Voltage
(Note 1)
DVDD=Maximum
0.40
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com