Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 231 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 231 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 227Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 228Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 229Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 230Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 231Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 232Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 233Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 234Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 235Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 304 page
background image
Am79C973/Am79C975
231
P R E L I M INARY
EXTERNAL CLOCK
Figure 52 External Clock Timing
Table 64. Clock (XTAL1, XCLK = 1) Switching Characteristics
Table 65. Crystal (XTAL1, XTAL2, XCLK = 0) Requirements
Table 66. Crystal (XTAL1, XTAL2, XCLK = 0) Requirements
Parameter
Symbol
Parameter Name
Test Condition
Min
Nom
Max
Unit
FXTAL1
XTAL1 Frequency
-
25
-
MHz
tPER
XTAL1 Period
@ 0.4 VDD (3.3V)
-
40
-
ns
tPWH
XTAL1 High Time
@ 0.4 VDD (3.3V)
18
22
-
ns
tPWL
XTAL1 Low Time
@ 0.3 VDD (3.3V)
18
22
-
ns
tRISE
XTAL1 Rise Time
over 0.4 VDD (3.3V)
1
4
V/ns
tFALL
XTAL1 Fall Time
over 0.4 VDD (3.3V)
1
4
V/ns
Item
Test Condition
Min
Nom
Max
Unit
Frequency
-25
-
MHz
Drive Level
--
-
mW
Load Capacitance
-
18
-
pF
Frequency Stability
-
-
50 to 100
ppm
ESR
-
-
50
ohms
Component
Manufacturer
Part Number
Crystal
Epson America
MA-505-25.000M
Crystal
Ecliptek
EC-AT-25.000M
Crystal
Ecliptek
ECSM-AT-25.000M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com