Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 257 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 257 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 253Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 254Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 255Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 256Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 257Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 258Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 259Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 260Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 261Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 304 page
background image
Am79C973/Am79C975
257
P R E L I M INARY
pose 8-bit register that is loaded from the EE-
PROM.
Node IP Address 1 (MReg Address 16)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
N_IP_ADR[15:8]
Default: 00h Read only, write has no effect.
Byte 1 of the Node IP Address register. The
Node IP Address is the 32-bit address used in
the IP protocol header to address the station,
the Am79C975 controller is used in. This reg-
ister can also be used as general purpose 8-bit
register that is loaded from the EEPROM.
Node IP Address 2 (MReg Address 17)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
N_IP_ADR[23:16]
Default: 00h Read only, write has no effect.
Byte 2 of the Node IP Address register. The
Node IP Address is the 32-bit address used in
the IP protocol header to address the station,
the Am79C975 controller is used in. This reg-
ister can also be used as general purpose 8-bit
register that is loaded from the EEPROM.
Management Station IP Address 3 (MReg Address
18)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
N_IP_ADR[31:24]
Default: 00h Read only, write has no effect.
Byte 3 (the MSB) of the Node IP Address reg-
ister. The Node IP Address is the 32-bit ad-
dress used in the IP protocol header to
address the station, the Am79C975 controller
is used in. This register can also be used as
general purpose 8-bit register that is loaded
from the EEPROM.
Management Station IEEE Address 0 (MReg
Address 19)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IEEE_ADR[7:0]Default:
00hRead
only,
write has no effect.
Byte 0 (the LSB) of the Management Station
IEEE Address register. The Management Sta-
tion IEEE Address is the unique 48-bit address
of the station that is used as the management
console in the network. This register can also
be used as general purpose 8-bit register that
is loaded from the EEPROM.
Management Station IEEE Address 1 (MReg
Address 20)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IEEE_ADR[15:8]
Default: 00h Read only, write has no effect.
Byte 1 of the Management Station IEEE Ad-
dress register. The Management Station IEEE
Address is the unique 48-bit address of the
station that is used as the management con-
sole in the network. This register can also be
used as general purpose 8-bit register that is
loaded from the EEPROM.
Management Station IEEE Address 2 (MReg
Address 21)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IEEE_ADR[23:16]
Default: 00h Read only, write has no effect.
Byte 2 of the Management Station IEEE Ad-
dress register. The Management Station IEEE
Address is the unique 48-bit address of the
station that is used as the management con-
sole in the network. This register can also be
used as general purpose 8-bit register that is
loaded from the EEPROM.
Management Station IEEE Address 3 (MReg
Address 22)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IEEE_ADR[31:24]
Default: 00h Read only, write has no effect.
Byte 3 of the Management Station IEEE Ad-
dress register. The Management Station IEEE
Address is the unique 48-bit address of the
station that is used as the management con-
sole in the network. This register can also be
used as general purpose 8-bit register that is
loaded from the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com