Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 261 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 261 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 257Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 258Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 259Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 260Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 261Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 262Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 263Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 264Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 265Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 304 page
background image
Am79C973/Am79C975
261
P R E L I M INARY
Default: 00000Read as ZERO only
Reserved bits. For future use only
SMIU Receive Pattern RAM Address Register
(MReg Address 33)
Bit No.
Name and Description
7:0
MRX_PADR
Default: 00h Read/Write
The SMIU Receive Pattern RAM Address reg-
ister contains the address of the location in the
Receive Pattern RAM where the next byte of
the Acknowledgment Frame Filter is written to.
The register is cleared to 0 by H_RESET and
every time the MRX_ENABLE bit is set to 1.
The address register autoincrements with ev-
ery byte write to the Receive Pattern RAM.
This allows a FIFO-type access to the Receive
Pattern RAM and the host does not need to
keep track of the location he is writing to. In ad-
dition, MRX_PADR can be set to any address
within the Receive Pattern RAM in order to
modify a specific location.
MIU Receive Pattern RAM Data Port (MReg Address
34)
Bit No.
Name and Description
7:0
MRX_PDATA
Default: undefined
Read/Write
This is the 8-bit data port used to write to the
Receive Pattern RAM.
SMIU Transmit Address Register (MReg Address
35)
Bit No.
Name and Description
7:0
MTX_ADR
Default: 00h Read/Write
The SMIU Transmit Address register contains
the address of the location in the Transmit
Data memory where the next byte of data is
written to. The register is cleared to 0 by
H_RESET and every time the MTX_START bit
in the Transmit Status register transitions is set
to 1. The address register auto-increments
with every byte written to the Transmit Data
memory. This allows a FIFO-type access to
the Transmit Data memory and the host does
not need to keep track of the location he is writ-
ing to. In addition, MTX_ADR can be set to any
address within the Transmit Data memory in
order to modify a specific location.
SMIU Transmit Data Port (MReg Address 36)
Bit No.
Name and Description
7:0
MTX_DATA
Default: undefined Write only, read has no ef-
fect.
This is the 8-bit data port used to write to the
Transmit Data memory.
SMIU Transmit Message Length Register (MReg
Address 37)
Bit No.
Name and Description
7:0
MTX_ LEN
Default: 00h Read/Write
The SMIU Transmit Message Length contains
the number of bytes from the Transmit Data
memory that will be transmitted by the
Am79C975 controller as the alert frame. The 4
bytes of FCS checksum are not part of the
memory content, but are calculated by the con-
troller and appended to the frame. The host is
responsible to load a valid value into the
Transmit Message Length register. Any value
below 60 will create a runt frame on the net-
work. Any value above 128 will create unpre-
dictable results.
SMIU Transmit Status Register (MReg Address 38)
Bit No.
Name and Description
7MTX_START
Default: 0
Read/Write
When MTX_START is set to a 1, the
Am79C975 controller will take the content of
the SMIU Transmit Data memory and transmit
the
data
as
the
next
frame.
Setting
MTX_START will also clear the Transmit Ad-
dress register. MTX_START is automatically
cleared
after
every
transmission.
MTX_START is cleared by H_RESET.
6:4
RESERVED
Default: 000 Read/Write as ZERO only
Reserved bits. For future use only
3
MTX_LCOL
Default: 0
Read only, write has no effect.
Transmit Late Collision indicates that during
the transmission of the alert frame a collision
has occurred after the first slot time has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com