Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 263 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 263 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 259Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 260Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 261Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 262Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 263Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 264Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 265Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 266Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 267Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 304 page
background image
Am79C973/Am79C975
263
P R E L I M INARY
Default: 0000
Read/Write as ZERO only
Reserved bits. For future use only
2
MRX_FRAM
Default: 0
Read only, write has no effect.
Framing error indicates that the acknowledg-
ment frame contains a non-integer multiple of
eight bits and that there was an FCS error. If
there was no FCS error on the acknowledg-
ment frame, then MRX_FRAM will not be set
even if there was a non-integer multiples of
eight bits in the frame. MRX_FRAM is valid
while
MRX_ENABLE
is
set
to
0.
MTX_MRX_FRAM is cleared by H_RESET.
1
MRX_FCS
Default: 0
Read only, write has no effect.
Frame Check Sequence error indicates that
the receiver has detected an FCS (CRC) error
on the acknowledgment frame. MRX_FCS is
valid
while
MRX_ENABLE
is
set
to
0.
MRX_FCS is cleared by H_RESET.
0
MRX_ERR
Default: 0
Read only, write has no effect.
Receive Error is the OR of the MRX_FRAM
and MRX_FCS error. MRX_ERR is valid while
MRX_ENABLE is set to 0. MRX_ERR is
cleared by H_RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com