Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 292 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 292 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 288Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 289Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 290Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 291Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 292Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 293Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 294Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 295Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 296Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 304 page
background image
292
Am79C973/Am79C975
P R E L I M INARY
Figure 90. LAPP Timeline for Two-Interrupt Method
Buffer
#3
Buffer
#2
Buffer
#1
Ethernet
Wire
activity:
Ethernet
Controller
activity:
Software
activity:
S10: Driver sets up TX descriptor.
S9: Application processes packet, generates TX packet.
S8: Driver calls application
to tell application that
packethas arrived.
S7: Driver is swapped out, allowing a non-Ethernet
application to run.
S6: Driver copies data from buffer #2 to the application
buffer.
S5: Driver polls descriptor #2.
S4: Driver copies data from buffer #1 to the application
buffer.
S3: Driver writes modified application
pointer to descriptor #3.
S2: Driver call to application to
get application buffer pointer.
S1: Interrupt latency.
S0: Driver is idle.
}
N2:EOM
N0: Packet preamble, SFD
and destination address
are arriving.
{
}
C9: Controller writes descriptor #3.
C8: Controller is performing intermittent
bursts of DMA to fill data buffer #3.
C7: Controller writes descriptor #2.
C6: "Last chance" lookahead to
descriptor #3 (OWN).
C5: Controller is performing intermittent
bursts of DMA to fill data buffer #
2
C3: SRP interrupt is
generated.
C2: Controller writes descriptor #1.
C1: Controller is performing intermittent
bursts of DMA to fill data buffer #1
.
C0: Lookahead to descriptor #2.
N1: 64th byte of packet
data arrives.
C10: ERP interrupt
is generated.
}
S8A: Interrupt latency.
S7A: Driver Interrupt Service
Routine executes
RETURN.
C4: Lookahead to descriptor #3 (OWN).
21510B-B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com