Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 295 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 295 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 291Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 292Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 293Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 294Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 295Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 296Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 297Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 298Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 299Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 304 page
background image
Am79C973/Am79C975
295
P R E L I M INARY
BCR29
Expansion Port Address Upper
(Used for Flash/EPROM
Accesses) . . . . . . . . . . . . . . . . . . . .183
BCR30
Expansion Bus Data Port Register . . . .184
BCR31
Software Timer Register . . . . . . . . . . .184
BCR32 PHY Control and Status Register .185
BCR33
PHY Address Register . . . . . . . . . . . . .187
BCR34
PHY Management Data Register . . . . .187
BCR35
PCI Vendor ID Register . . . . . . . . . . . .187
BCR36
PCI Power Management Capabilities
(PMC) Alias Register . . . . . . . . . . .188
BCR37
PCI DATA Register Zero (DATA0)
Alias Register . . . . . . . . . . . . . . . . .188
BCR38
PCI DATA Register One (DATA1)
Alias Register . . . . . . . . . . . . . . . . .188
BCR39
PCI DATA Register Two (DATA2)
Alias Register . . . . . . . . . . . . . . . . .189
PCI DATA Register Zero (DATA2)
Alias Register . . . . . . . . . . . . . . . . .189
BCR4
LED 0 Status . . . . . . . . . . . . . . . . . . . .164
BCR40
PCI Data Register Three (DATA3)
Alias Register . . . . . . . . . . . . . . . . .189
BCR41
PCI DATA Register Four (DATA4)
Alias Register . . . . . . . . . . . . . . . . .189
BCR42
PCI DATA Register Five (DATA5)
Alias Register . . . . . . . . . . . . . . . . .190
BCR43
PCI DATA Register Six (DATA6)
Alias Register . . . . . . . . . . . . . . . . .190
BCR44
PCI DATA Register Seven (DATA7)
Alias Register . . . . . . . . . . . . . . . . .191
BCR45
OnNow Pattern Matching
Register #1 . . . . . . . . . . . . . . . . . . .191
BCR46
OnNow Pattern Matching
Register #2 . . . . . . . . . . . . . . . . . . .191
BCR47
OnNow Pattern Matching
Register #3 . . . . . . . . . . . . . . . . . . .192
BCR5
LED1 Status . . . . . . . . . . . . . . . . . . . . .166
BCR6
LED2 Status . . . . . . . . . . . . . . . . . . . . .168
BCR7
LED3 Status . . . . . . . . . . . . . . . . . . . . .169
BCR9
Full-Duplex Control . . . . . . . . . . . . . . .171
BLOCK DIAGRAM . . . . . . . . . . . . . . . . . . .4
Block Diagram Low Latency
Receive Configuration . . . . . . . . . . . . . . .97
Block Diagram No SRAM
Configuration . . . . . . . . . . . . . . . . . . . . . .97
Board Interface . . . . . . . . . . . . . . . . . . . . . .31
Boundary Scan Circuit . . . . . . . . . . . . . . . .106
Boundary Scan Register . . . . . . . . . . . . . .106
BSR Mode Of Operation . . . . . . . . . . . . . .107
Buffer Management . . . . . . . . . . . . . . . . . . .64
Buffer Management Unit . . . . . . . . . . . . . . .63
Buffer Size Tuning . . . . . . . . . . . . . . . . . .290
Burst FIFO DMA Transfers . . . . . . . . . . . . .62
Burst Write Transfer . . . . . . . . . . . . . . . . . .50
Bus Acquisition . . . . . . . . . . . . . . . . . . .46, 47
Bus Command and Byte Enables . . . . . . . .29
Bus Configuration Registers . . . . . . .157, 218
Bus Grant . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Bus Master DMA Transfers . . . . . . . . . . . . .47
Bus Request . . . . . . . . . . . . . . . . . . . . . . . . .31
C
Carrier Sense . . . . . . . . . . . . . . . . . . . . . . . .35
CLK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
CLK Waveform for 3.3 V Signaling . . . . .236
CLK Waveform for 5 V Signaling . . . . . .236
CLK_FAC Values . . . . . . . . . . . . . . . . . . .183
Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Clock Interface . . . . . . . . . . . . . . . . . . . . . . .37
Clock Timing . . . . . . . . . . . . . . .227, 231, 266
COL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Collision . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Collision Detect Function . . . . . . . . . . . . . .87
Collision Handling . . . . . . . . . . . . . . . . . . . .73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com