Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 300 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 300 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 296Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 297Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 298Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 299Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 300Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 301Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 302Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 303Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 304Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 300 / 304 page
background image
300
Am79C973/Am79C975
P R E L I M INARY
Listed By Function . . . . . . . . . . . . . . . . . . .246
Listed By Group . . . . . . . . . . . . . . . . . . . . .246
Look-Ahead Packet Processing
(LAPP) Concept . . . . . . . . . . . . . . . . . . .284
Loopback Configuration . . . . . . . . . . . . . .139
Loopback Operation . . . . . . . . . . . . . . . . . .78
Loss of Carrier . . . . . . . . . . . . . . . . . . . . . . .75
Low Latency Receive Configuration . . . . . .96
M
MAC . . . . . . . . . . . . . . . . . . . . . . . .70, 71, 72
Magic Packet Mode . . . . . . . . . . . . . . . . . .104
Management Cycle Timing . . . . . . . . . . . .278
Management Data Clock . . . . . . . . . . . . . . .35
Management Data I/O . . . . . . . . . . . . . . . . .35
Management Data Output Valid
Delay Timing . . . . . . . . . . . . . . . . . . . . .280
Management Data Setup and Hold
Timing . . . . . . . . . . . . . . . . . . . . . . . . . . .280
Management Interrupt (SMI) Line . . . . . . .102
Management Station IP Address 1
(MReg Address 26) . . . . . . . . . . . . . . . . .258
Manual PHY Configuration . . . . . . . . . . . .271
Master Abort . . . . . . . . . . . . . . . . . . . . .53, 55
Master Bus Interface Unit . . . . . . . . . . . . . .46
Master Cycle Data Parity Error
Response . . . . . . . . . . . . . . . . . . . . . . . . . .55
Master Initiated Termination . . . . . . . . . . . .52
MCLOCK SMI Clock . . . . . . . . . . . . . . . . .37
MDATA SMI Data . . . . . . . . . . . . . . . . . . .37
MDC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
MDC Waveform . . . . . . . . . . . . . . . . . . . .279
MDIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Media Access Management . . . . . . . . . . . . .71
Media Independent Interface . . . . . . . . . . . .80
Media Independent Interface
(MII) . . . . . . . . . . . . . . . . . . . . . . . . .34, 268
Medium Allocation . . . . . . . . . . . . . . . . . . .71
Medium Dependent Interface . . . . . . . . . . .85
MII Interface . . . . . . . . . . . . . . . . . . . . . . . .39
MII Management Control Register
(Register 0) . . . . . . . . . . . . . . . . . . . . . . .274
MII Management Frames . . . . . . . . . . . . . .269
MII Management Interface . . . . . . . . . . . .269
MII management registers . . . . . . . . . . . . .274
MII Network Status Interface . . . . . . . . . .269
MII Receive Frame Tag Enable . . . . . . . . . .36
MII Receive Interface . . . . . . . . . . . . . . . .269
MII Transmit Interface . . . . . . . . . . . . . . . .268
MIIRXFRTGD . . . . . . . . . . . . . . . . . . . . . .36
MIIRXFRTGE . . . . . . . . . . . . . . . . . . . . . . .36
MIRQ SMI Interrupt . . . . . . . . . . . . . . . . . .37
Miscellaneous Loopback Features . . . . . . . .78
MIU Receive Pattern RAM Data Port
(MReg Address 34) . . . . . . . . . . . . . . . . .261
MIU Transceiver Status
(MReg Address 30) . . . . . . . . . . . . . . . . .259
MLT-3 and Adaptive Equalization . . . . . . .84
Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . .205
N
Network Interfaces . . . . . . . . . . . . . . . . .36, 39
Network Port Manager . . . . . . . . . . . . . . .270
No SRAM Configuration . . . . . . . . . . . . . . .96
Non-Burst FIFO DMA Transfers . . . . . . . .60
Non-Burst Read Transfer . . . . . . . . . . . . . . .48
Non-Burst Write Transfer . . . . . . . . . . . . . .49
Normal and Tri-State Outputs . . . . . . . . . .235
O
Offset 00h . . . . . . . . . . . . . . . . . . . . . . . . .113
Offset 02h . . . . . . . . . . . . . . . . . . . . . . . . .113
Offset 04h . . . . . . . . . . . . . . . . . . . . . . . . .114
Offset 06h . . . . . . . . . . . . . . . . . . . . . . . . .115
Offset 08h . . . . . . . . . . . . . . . . . . . . . . . . .116
Offset 09h . . . . . . . . . . . . . . . . . . . . . . . . .116
Offset 0Ah . . . . . . . . . . . . . . . . . . . . . . . . .117
Offset 0Bh . . . . . . . . . . . . . . . . . . . . . . . . .117
Offset 0Dh . . . . . . . . . . . . . . . . . . . . . . . . .117
Offset 0Eh . . . . . . . . . . . . . . . . . . . . . . . . .117
Offset 10h . . . . . . . . . . . . . . . . . . . . . . . . .117
Offset 14h . . . . . . . . . . . . . . . . . . . . . . . . .118
Offset 2Ch . . . . . . . . . . . . . . . . . . . . . . . . .119
Offset 2Eh . . . . . . . . . . . . . . . . . . . . . . . . .119
Offset 30h . . . . . . . . . . . . . . . . . . . . . . . . .119
Offset 34h . . . . . . . . . . . . . . . . . . . . . . . . .120
Offset 3Ch . . . . . . . . . . . . . . . . . . . . . . . . .120
Offset 3Dh . . . . . . . . . . . . . . . . . . . . . . . . .120
Offset 3Eh . . . . . . . . . . . . . . . . . . . . . . . . .120
Offset 3Fh . . . . . . . . . . . . . . . . . . . . . . . . .120
Offset 40h . . . . . . . . . . . . . . . . . . . . . . . . .120
Offset 41h . . . . . . . . . . . . . . . . . . . . . . . . .120
Offset 42h . . . . . . . . . . . . . . . . . . . . . . . . .121
Offset 44h . . . . . . . . . . . . . . . . . . . . . . . . .121
Offset 46h . . . . . . . . . . . . . . . . . . . . . . . . .122
Offset 47h . . . . . . . . . . . . . . . . . . . . . . . . .122
OnNow Functional Diagram . . . . . . . . . . .103
OnNow Pattern Match Mode . . . . . . . . . . .104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com