Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 301 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 301 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 296Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 297Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 298Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 299Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 300Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 301Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 302Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 303Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 304Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 301 / 304 page
background image
Am79C973/Am79C975
301
P R E L I M INARY
OnNow Wake-Up Sequence . . . . . . . . . . .103
Operating Ranges . . . . . . . . . . . . . . . .224, 266
Ordering Information . . . . . . . . . . . . . . . . . .28
Other Data Registers . . . . . . . . . . . . . . . . .107
Outline of LAPP Flow . . . . . . . . . . . . . . . .285
Output and Float Delay Timing . . . . . . . . .227
Output Tri-state Delay Timing . . . . . . . . .237
Output Valid Delay Timing . . . . . . . . . . . .237
P
PADR . . . . . . . . . . . . . . . . . . . . . . . . . . . . .205
PAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Parity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Parity Error . . . . . . . . . . . . . . . . . . . . . . . . .30
Parity Error Response . . . . . . . . . . . . . .45, 53
Pattern Match RAM . . . . . . . . . . . . . . . . . .105
Pattern Match RAM (PMR) . . . . . . . . . . . .104
PCI Base-Class Register Offset 0Bh . . . . .117
PCI Bus Interface Pins
- 3.3 V Signaling . . . . . . . . . . . . . . . . . . .225
PCI Bus Interface Pins
- 5 V Signaling . . . . . . . . . . . . . . . . . . . .225
PCI Capabilities Pointer Register
Offset 34h . . . . . . . . . . . . . . . . . . . . . . . .120
PCI Capability Identifier Register
Offset 40h . . . . . . . . . . . . . . . . . . . . . . . .120
PCI Command Register . . . . . . . . . . . . . . .114
PCI Command Register Offset 04h . . . . . .114
PCI Configuration
Registers . . . . . . . . . . . . .108, 112, 113, 213
PCI Configuration Space Layout . . . . . . . .108
PCI Data Register . . . . . . . . . . . . . . . . . . .122
PCI Data Register Offset 47h . . . . . . . . . .122
PCI Device ID Register Offset 02h . . . . . .113
PCI Expansion ROM Base Address
Register . . . . . . . . . . . . . . . . . . . . . . . . . .119
PCI Header Type Register
Offset 0Eh . . . . . . . . . . . . . . . . . . . . . . . .117
PCI I/O Base Address Register
Offset 10h . . . . . . . . . . . . . . . . . . . . . . . .117
PCI I/O Buffer Power (9 Pins) . . . . . . . . . . .38
PCI Interface . . . . . . . . . . . . . . . . . . . . . . . .29
PCI Interrupt Line Register
Offset 3Ch . . . . . . . . . . . . . . . . . . . . . . . .120
PCI Interrupt Pin Register . . . . . . . . . . . . .120
PCI Latency Timer Register
Offset 0Dh . . . . . . . . . . . . . . . . . . . . . . . .117
PCI MAX_LAT Register Offset 3Fh . . . . .120
PCI Memory Mapped I/O Base
Address Register . . . . . . . . . . . . . . . . . . .118
PCI MIN_GNT Register . . . . . . . . . . . . . .120
PCI Next Item Pointer Register
Offset 41h . . . . . . . . . . . . . . . . . . . . . . . .120
PCI PMCSR Bridge Support Extensions
Register . . . . . . . . . . . . . . . . . . . . . . . . . .122
PCI PMCSR Bridge Support Extensions
Register Offset 46h . . . . . . . . . . . . . . . . .122
PCI Power Management Capabilities
Register (PMC) . . . . . . . . . . . . . . . . . . . .121
PCI Power Management Control/Status
Register (PMCSR) . . . . . . . . . . . . . . . . .121
PCI Programming Interface Register
Offset 09h . . . . . . . . . . . . . . . . . . . . . . . .116
PCI Revision ID Register Offset 08h . . . .116
PCI Status Register Offset 06h . . . . . . . . .115
PCI Sub-Class Register Offset 0Ah . . . . . .117
PCI Subsystem ID Register . . . . . . . . . . . .119
PCI Subsystem Vendor ID Register . . . . .119
PCI Vendor ID Register . . . . . . . . . . . . . . .113
PCI Vendor ID Register Offset 00h . . . . . .113
PCI-to-Wire Fast Ethernet system
solution . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
PCnet™-FAST III Recommended
Magnetics . . . . . . . . . . . . . . . . . . . . . . . .244
PERR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
PG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
PHY Control and Management Block
(PCM Block) . . . . . . . . . . . . . . . . . . . . . .192
PHY Management Registers . . . . . . . . . . .219
PHY Management Registers (ANRs) . . . .192
PHY_RST Physical Layer Reset . . . . . . . . .35
PHYSICAL DIMENSIONS . . . . . . . . . . .242
Pin Capacitance . . . . . . . . . . . . . . . . . . . . .226
PIN DESCRIPTIONS . . . . . . . . . . . . . . . . .29
PIN DESIGNATIONS (PQL176)
(Am79C973/Am79C975) Listed By
Pin Number . . . . . . . . . . . . . . . . . . . . . . . .23
PIN DESIGNATIONS (PQR160)
(Am79C973/Am79C975) . . . . . . . . . . . . .22
PIN DESIGNATIONS (PQR160)
(Am79C973/Am79C975) Listed
By Pin Number . . . . . . . . . . . . . . . . . . . . .22
PIN DESIGNATIONS (PQR160, PQL176)
Listed By Group . . . . . . . . . . . . . . . . . . . .24
PIN DESIGNATIONS Listed By
Driver Type . . . . . . . . . . . . . . . . . . . . . . . .27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com