Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 101Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 102Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 103Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 104Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 105Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 106Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 107Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 108Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 304 page
background image
Am79C973/Am79C975
105
P R E L I M INARY
Figure 50. Pattern Match RAM
Note: The setting of MPPLBA or EMPPLBA only ef-
fects the address detection of the Magic Packet frame.
The Magic Packet’s data sequence must be made up
of 16 consecutive copies of the device’s physical ad-
dress (PADR[47:0]), regardless of what kind of destina-
tion address it has.
T her e ar e tw o gene r a l met hods to place the
Am79C973/Am79C975 controller into the Magic
Packet mode. The first is the software method. In this
method, either the BIOS or other software, sets the
MPMODE bit (C SR5 , bit 1). The n Am 79 C973 /
Am79C975 controller must be put into suspend mode
(see description of CSR5, bit 0), allowing any current
network activity to finish. Finally, either PG must be
deasserted (hardware control) or MPEN (CSR5, bit 2)
must be set to 1 (software control).
Note: FASTSPNDE (CSR7, bit 15) has no meaning in
Magic Packet mode.
The second method is the hardware method. In this
method, the MPPEN bit (CSR116, bit 4) is set at power
up by the loading of the EEPROM. This bit can also be
set by software. The Am79C973/Am79C975 controller
will be placed in the Magic Packet Mode when either
the PG input is deasserted or the MPEN bit is set.
WUMI output will be asserted when the Am79C973/
Am79C975 controller is in the Magic Packet mode.
Magic Packet mode can be disabled at any time by as-
serting PG or clearing MPEN bit.
BCR 47
BCR 46
BCR 45
BCR Bit Number 15
8
7
0 15
8
7
0 15
8
PMR_B4
PMR_B3
PMR_B2
PMR_B1
PMR_B0
Pattern Match
RAM Address
Pattern Match RAM Bit Number
39
32
31
24
23
16
15
8
7
0
Comments
0
P3 pointer
P2 pointer
P1 pointer
P0 pointer
Pattern Enable
bits
First Address
1
P7 pointer
P6 pointer
P5 pointer
P4 pointer
X
Second
Address
2
Data Byte 3
Data Byte 2
Data Byte1
Data Byte 0
Pattern Control
Start Pattern
P1
2+n
Data Byte 4n+3
Date Byte 4n+2
Data Byte 4n+1
Data Byte 4n+0
Pattern Control
End Pattern P1
J
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
Pattern Control
Start Pattern
Pk
J+m
Data Byte 4m+3 Data Byte 4m+2 Data Byte 4m+1 Data Byte 4m+0
Pattern Control
End Pattern Pk
63
Last Address
7
6
5
4
3
2
1
0
EOP
SKIP
MASK
21510D-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com