Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 107 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 107 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 103Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 104Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 105Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 106Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 107Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 108Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 109Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 110Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 304 page
background image
Am79C973/Am79C975
107
P R E L I M INARY
There are four possible operation modes in the BSR
cell shown in Table 17.
Other Data Registers
Other data registers are the following:
1. Bypass Register (1 bit)
2. Device ID register (32 bits) (Table 18).
Note: The content of the Device ID register is the
same as the content of CSR88.
Reset
There are four different types of RESET operations that
may be performed on the Am79C973/Am79C975 de-
vice, H_RESET, S_RESET, STOP, and POR. The fol-
lowing is a description of each type of RESET
operation.
H_RESET
Hardware Reset (H_RESET) is an Am79C973/
Am79C975 reset operation that has been created by
the proper assertion of the RST pin of the Am79C973/
Am79C975 device while the PG pin is HIGH. When the
minimum pulse width timing as specified in the RST pin
description has been satisfied, then an internal reset
operation will be performed.
H_RESET will program most of the CSR and BCR reg-
isters to their default value. Note that there are several
CSR and BCR registers that are undefined after
H_RESET. See the sections on the individual registers
for details.
H_RESET will clear most of the registers in the PCI
configuration space. H_RESET will cause the micro-
code program to jump to its reset state. Following the
end of the H_RESET operation, the Am79C973/
Am79C975 controller will attempt to read the EEPROM
device through the EEPROM interface.
H_RESET will clear DWIO (BCR18, bit 7) and the
Am79C973/Am79C975 controller will be in 16-bit I/O
mode after the reset operation. A DWord write opera-
tion to the RDP (I/O offset 10h) must be performed to
set the device into 32-bit I/O mode.
S_RESET
Soft ware Re set (S_RESET) is an Am 79 C9 73 /
Am79C975 reset operation that has been created by a
read access to the Reset register, which is located at
offset 14h in Word
I/O mode or offset 18h in DWord
I/O mode from the Am79C973/Am79C975 I/O or mem-
ory mapped I/O base address.
S_RESET will reset all of or some portions of CSR0, 3,
4, 15, 80, 100, and 124 to default values. For the iden-
tity of individual CSRs and bit locations that are af-
fected by S_RESET, see the individual CSR register
descriptions. S_RESET will not affect any PCI configu-
ration space location. S_RESET will not affect any of
the BCR register values. S_RESET will cause the mi-
crocode program to jump to its reset state. Following
the end of the S_RESET operation, the Am79C973/
Am79C975 controller will not attempt to read the EE-
PROM device. After S_RESET, the host must perform
a full re-initialization of the Am79C973/Am79C975 con-
troller before starting network activity. S_RESET will
cause REQ to deassert immediately. STOP (CSR0, bit
2) or SPND (CSR5, bit 0) can be used to terminate any
pending bus mastership request in an orderly se-
quence.
S_RESET terminates all network activity abruptly. The
host can use the suspend mode (SPND, CSR5, bit 0)
to terminate all network activity in an orderly sequence
before issuing an S_RESET.
STOP
A STOP reset is generated by the assertion of the
STOP bit in CSR0. Writing a 1 to the STOP bit of CSR0,
when the stop bit currently has a value of 0, will initiate
a STOP reset. If the STOP bit is already a 1, then writ-
ing a 1 to the STOP bit will not generate a STOP reset.
STOP will reset all or some portions of CSR0, 3, and 4
to default values. For the identity of individual CSRs
and bit locations that are affected by STOP, see the in-
dividual CSR register descriptions. STOP will not affect
any of the BCR and PCI configuration space locations.
STOP will cause the microcode program to jump to its
reset state. Following the end of the STOP operation,
the Am79C973/Am79C975 controller will not attempt to
read the EEPROM device.
Note: STOP will not cause a deassertion of the REQ
signal, if it happens to be active at the time of the write
to CSR0. The Am79C973/Am79C975 controller will
wait until it gains bus ownership and it will first finish all
scheduled bus master accesses before the STOP reset
is executed.
Table 17. BSR Mode Of Operation
1
Capture
2
Shift
3
Update
4
System Function
Table 18. Device ID Register
Bits 31-28
Version
Bits 27-12
Part Number (0010 0110 0010 0101)
Bits 11-1
Manufacturer ID. The 11 bit manufacturer ID
cod for AMD is 00000000001 in accordance
with JEDEC publication 106-A.
Bit 0
Always a logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com