Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 133 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 133 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 133Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 134Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 136Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 137Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 304 page
background image
Am79C973/Am79C975
133
P R E L I M INARY
In suspend mode, all of the CSR
and BCR registers are accessi-
ble. As long as the Am79C973/
Am79C975 controller is not reset
while
in
suspend
mode
(by
H_RESET, S_RESET or by set-
ting the STOP bit), no re-initial-
ization of the device is required
after the device comes out of sus-
pend mode. The Am79C973/
Am79C975 controller will contin-
ue at the transmit and receive de-
scriptor
ring
locations,
from
where it had left, when it entered
the suspend mode.
Read/Write accessible always.
SPND is cleared by H_RESET,
S_RESET, or by setting the
STOP bit.
CSR6: RX/TX Descriptor Table Length
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-12
TLEN
Contains a copy of the transmit
encoded ring length (TLEN) field
read from the initialization block
during
the
Am79C973/
Am79C975 controller initializa-
tion. This field is written during
the Am79C973/Am79C975 con-
troller initialization routine.
Read accessible only when either
the STOP or the SPND bit is set.
Write operations have no effect
and should not be performed.
TLEN is only defined after initial-
ization. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
11-8
RLEN
Contains a copy of the receive
encoded ring length (RLEN) read
from the initialization block during
Am79C973/Am79C975 controller
initialization. This field is written
during
the
Am79C973/
Am79C975 controller initializa-
tion routine.
Read accessible only when either
the STOP or the SPND bit is set.
Write operations have no effect
and should not be performed.
RLEN is only defined after initial-
ization. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
7-0
RES
Reserved locations. Read as 0s.
Write operations are ignored.
CSR7: Extended Control and Interrupt 2
Certain bits in CSR7 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR7 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
FASTSPNDE
Fast Suspend Enable. When
FASTSPNDE is set to 1, the
Am79C973/Am79C975 controller
performs a fast suspend whenev-
er the SPND bit is set.
When a fast suspend is request-
ed, the Am79C973/Am79C975
controller performs a quick entry
into the suspend mode. At the
time the SPND bit is set, the
Am79C973/Am79C975 controller
will complete the DMA process of
any transmit and/or receive pack-
et that had already begun DMA
activity. In addition, any transmit
packet that had started transmis-
sion will be fully transmitted and
any receive packet that had be-
gun reception will be fully re-
ceived. However, no additional
packets will be transmitted or re-
ceived and no additional transmit
or receive DMA activity will begin.
Hence,
the
Am79C973/
Am79C975 controller may enter
the suspend mode with transmit
and/or receive packets still in the
FIFOs or the SRAM.
When FASTSPNDE is 0 and the
SPND bit is set, the Am79C973/
Am79C975 controller may take
longer before entering the sus-
pend mode. At the time the
SPND bit is set, the Am79C973/
Am79C975 controller will com-
plete the DMA process of a trans-
mit packet if it had already begun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com