Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 133Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 134Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 136Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 137Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 138Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 139Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 304 page
background image
136
Am79C973/Am79C975
P R E L I M INARY
through the MAPINT (CSR7, bit
6) interrupt or the MCCIINTE is
set to 1.
Read/Write accessible always.
MCCINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
3
MCCIINT
PHY
Management
Command
Complete Internal Interrupt. The
PHY
Management
Command
Complete Interrupt is set by the
Am79C973/Am79C975 controller
when a read or write operation on
the internal PHY management
port is complete from an internal
operation. Examples of internal
operations are Auto-Poll or PHY
Management
Port
generated
management frames. These are
normally hidden to the host.
When MCCIINT is set to 1, INTA
is asserted if the enable bit MC-
CINTE is set to 1.
Read/Write accessible always.
MCCIINT is cleared by the host
by writing a 1. Writing a 0 has no
effect. MCCIINT is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
2
MCCIINTE
PHY
Management
Command
Complete Internal Interrupt En-
able. If MCCIINTE is set to 1, the
MCCIINT bit will be able to set
the INTR bit when the internal
state machines generate man-
agement frames. For instance,
when MCCIINTE is set to 1 and
the Auto-Poll state machine gen-
erates a management frame, the
MCCIINT will set the INTR bit
upon completion of the manage-
ment frame regardless of the
comparison outcome.
Read/Write accessible always.
MCCIINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
1
MIIPDTINT PHY Detect Transition Interrupt.
The PHY Detect Transition Inter-
rupt is set by the Am79C973/
Am79C975 controller whenever
the MIIPD bit (BCR32, bit 14)
transitions from 0 to 1 or vice ver-
sa.
Read/Write accessible always.
MIIPDTINT is cleared by the host
by writing a 1. Writing a 0 has no
effect. MIIPDTINT is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
0
MIIPDTINTE PHY Detect Transition Interrupt
Enable. If MIIPDTINTE is set to 1,
the MIIPDTINT bit will be able to
set the INTR bit.
Read/Write accessible always.
MIIPDTINTE is set to 0 by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
CSR8: Logical Address Filter 0
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
LADRF[15:0] Logical Address Filter, LADRF-
[15:0]. The content of this register
is undefined until loaded from the
initialization block after the INIT
bit in CSR0 has been set or a di-
rect register write has been per-
formed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR9: Logical Address Filter 1
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[31:16] Logical Address Filter, LADRF-
[31:16]. The content of this regis-
ter is undefined until loaded from
the initialization block after the
INIT bit in CSR0 has been set or
a direct register write has been
performed on this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com