Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 41Page - Advanced Micro Devices AM85C30 Datasheet HTML 42Page - Advanced Micro Devices AM85C30 Datasheet HTML 43Page - Advanced Micro Devices AM85C30 Datasheet HTML 44Page - Advanced Micro Devices AM85C30 Datasheet HTML 45Page - Advanced Micro Devices AM85C30 Datasheet HTML 46Page - Advanced Micro Devices AM85C30 Datasheet HTML 47Page - Advanced Micro Devices AM85C30 Datasheet HTML 48Page - Advanced Micro Devices AM85C30 Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 194 page
background image
I/O Programming Functional Description
AMD
3–14
In External Sync Mode, the SYNC/HUNT status bit, as in Asynchronous mode, reports
the state of the
SYNC pin. If there are no other External/Status interrupts pending, then
any transition on the
SYNC pin will cause the latches to close and generate an External/
Status interrupt. However, only an odd number of transitions on
SYNC, while another Ex-
ternal/Status interrupt is pending, will close the latches and generate an External/Status
Interrupt.
3.8.2
Break/Abort
The BREAK/ABORT status bit is used in Asynchronous and SDLC modes but is always
set to ‘0’ in Synchronous modes. Both a Low-to-High and High-to-Low transition are guar-
anteed to cause the External/Status latches to close, and if the BREAK/ABORT IE bit in
WR15 is set to ‘1’, generate an External/Status interrupt regardless of whether another
External/Status interrupt is pending at the time the transitions occur. If BREAK/ABORT is
detected while the latches are closed, the status will be saved and generate an interrupt
for BREAK/ABORT detection upon issuing the Reset External/Status Interrupts. A second
interrupt is generated for End of BREAK/ABORT after issuig the next Reset External/
Status Interrupts. In the first case, the BREAK/ABORT bit will be set to ‘1’, and in the sec-
ond case to ‘0’. This will guarantee that the BREAK/ABORT sequence is detected cor-
rectly. A BREAK/ABORT occurrence will clear an End of BREAK/ABORT that is waiting
to generate an interrupt. Therefore, multiple Break/Abort sequences while the latches are
closed will generate only two interrupts, one for BREAK/ABORT detection, and one for
End of BREAK/ABORT.
In Asynchronous mode, this bit will be set to ‘1’ when a break sequence (null character
plus Framing Error) is detected (i.e., RxD is Low for more than one full character time) in
the receive data stream, and remains set for as long as ‘0’s continue to be received. It is
reset when a ‘1’ is received. Note that a single null character is left in the Receive Data
FIFO each time a break condition is terminated. This character should be read and dis-
carded.
In SDLC mode, this status bit is set to ‘1’ when an abort sequence is detected in the re-
ceive data stream and is reset when a ‘0’ is received. Note that the receiver detects an
abort pattern whether it is “in frame” or “out of frame,” so to avoid confusion, the BREAK/
ABORT IE bit in WR15 should be set to ‘1’ in the SYNC/HUNT interrupt routine when the
SYNC/HUNT status bit indicates that the receiver is “in frame” (i.e., SYNC/HUNT status
bit transitions from High-to-Low), and should be reset to ‘0’ early in the EOF interrupt rou-
tine.
3.8.3
Zero Count
The Zero Count (ZC) status bit reflects when the Baud Rate Generator counter reaches a
count of ‘0’. The ZC status bit will be set to ‘1’ when the zero count is reached and will be
reset to ‘0’ when the counter is re-loaded. The External/Status latches will close only on
the Low-to-High transition of this bit and, if the Zero Count IE bit is set in WR15, generate
an External/Status interrupt. This status bit is not latched in RR0 even though the Exter-
nal/Status latches close as a result of the transition.
If there are no other External/Status interrupt conditions pending at the time the ZC status
bit is set, an External/Status interrupt will be generated. However, if there is another Ex-
ternal/Status interrupt pending at the time ZC is set, no interrupt will be generated until
the current interrupt service is complete. If the zero count condition does not persist be-
yond the end of the current interrupt service routine no interrupt will be generated. The
interrupt service routine should check the other External/Status conditions for changes. If
none changed, the ZC was the source of interrupt. In polled applications, the IP bits in
RR3A should be checked for a status change before proceeding as in the interrupt serv-
ice routine.
Note that while the Zero Count IE bit in WR15 is reset, the ZC status bit will always read
‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com