Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 63Page - Advanced Micro Devices AM85C30 Datasheet HTML 64Page - Advanced Micro Devices AM85C30 Datasheet HTML 65Page - Advanced Micro Devices AM85C30 Datasheet HTML 66Page - Advanced Micro Devices AM85C30 Datasheet HTML 67Page - Advanced Micro Devices AM85C30 Datasheet HTML 68Page - Advanced Micro Devices AM85C30 Datasheet HTML 69Page - Advanced Micro Devices AM85C30 Datasheet HTML 70Page - Advanced Micro Devices AM85C30 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–15
back SDLC frames by minimizing frame overruns due to CPU latencies in responding to
interrupts. The block diagram of the 10x19-bit FIFO is shown in Figure 4–12.
4.7.1.3.1
FIFO Enabling/Disabling
This Frame Status FIFO is enabled through WR15 bit D2 but only when the SCC is pro-
grammed in SDLC mode. Since each channel incorporates this FIFO, each can be en-
abled and disabled independently.
Resetting bit D2 of WR15 disables and resets the FIFO. Table 4–2 tabulates the ena-
bling/disabling of channel FIFOs. Note that the FIFO pointer logic is reset when D2 of
WR15 is reset or after a power-on reset.
When the Frame Status FIFO is disabled, the CMOS SCC is completely downward com-
patible with the NMOS SCC, and the status register contents bypass the FIFO and go
directly to the bus interface as shown in Figure 4–12.
The status of the FIFO Enable signal can be obtained by reading bits D2 of RR15 through
their respective channels. If the FIFO is enabled, this bit will be set to ‘1’; otherwise, it will
be set to ‘0’.
4.7.1.3.2
FIFO Read Operation
To facilitate the use of these FIFOs, two new registers were added. These registers, RR6
and RR7, are accessible only when bit D2 of WR15 is set to ‘1’, and the SCC is pro-
grammed in SDLC mode.
Table 4–2. Frame Status FIFO Enabling
WR15A(D2)
WR15B(D2)
Operation
0
0
Ch.A and Ch.B FIFOs disabled and reset
1
0
Ch.A and Ch.B FIFOs enabled but not independent
(resetting D2 or WR15A resets both FIFOs
simultaneously)
1
1
Ch.A and Ch.B FIFOs enabled and independent
(resetting D2 in either channel resets only pertinent
FIFO)
0
1
Ch.B FIFO enabled only
RTxC
RxD
SYNC
FLAGLAST–1
FLAGLAST
DATA0
DATA1
DATA2
Figure 4–11. Flag Detect Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com