Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 51Page - Advanced Micro Devices AM85C30 Datasheet HTML 52Page - Advanced Micro Devices AM85C30 Datasheet HTML 53Page - Advanced Micro Devices AM85C30 Datasheet HTML 54Page - Advanced Micro Devices AM85C30 Datasheet HTML 55Page - Advanced Micro Devices AM85C30 Datasheet HTML 56Page - Advanced Micro Devices AM85C30 Datasheet HTML 57Page - Advanced Micro Devices AM85C30 Datasheet HTML 58Page - Advanced Micro Devices AM85C30 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 194 page
background image
4–3
Data Communication Modes
Functional Description
CHAPTER 4
4.1
INTRODUCTION
The SCC provides two independent full-duplex channels programmable for use in any
common asynchronous or synchronous data communication protocol. This includes:
Asynchronous, Synchronous MONOSYNC (8-bit sync character), Synchronous BISYNC
(16-bit sync character), normal SDLC, and SDLC Loop Mode.
4.2
PROTOCOLS
A communication protocol defines a set of rules for the orderly transfer of information be-
tween two communicating devices. All communication line protocols in the industry today
exchange data in either an asynchronous or synchronous manner. Asynchronous trans-
mission is used in several protocols including the TTY protocol while synchronous trans-
mission is used in protocols which include: IBM BISYNC, Synchronous Data Link Control
(SDLC), High-Level Data Link Control (HDLC), and Advance Data Communication Con-
trol Procedures (ADCCP).
This section provides a brief overview of these protocols; however, if further information is
desired the book titled “Technical Aspects of Data Communications” by John E.
McNamara, published by Digital Press (DEC) 1982, is a good reference.
4.2.1
Asynchronous
In Asynchronous transmission, as the name implies, each character is transmitted as an
independent entity; that is, the time between the last bit of one character and the first bit
of another character can be variable.
Since the receiver must be able to detect the beginning of each character transmitted,
this mode requires that at least one bit be added at the start and end of each character
for synchronization purposes.
Synchronization at the receiver is accomplished by sensing the transition of the Start-bit
for each character transmitted. The first data bit of the character is typically sampled one
and one-half bit times after the High-to-Low transition of the Start-bit, and each subse-
quent bit is sampled one bit time thereafter. The sampling of the bit occurs near the cen-
ter of each bit to allow correct data recovery and typically occurs at some multiple of the
data rate. Larger multiples allow a closer approximation to the middle sampling.
Figure 4–1 depicts a typical Asynchronous 11-bit format. Each 8-bit character is preceded
by a Start-bit and followed by a Parity check bit and one Stop-bit. The Start-bit of the next
character can occur anytime after the first character’s Stop-bit. The idle state of the trans-
mission line between characters is always in a mark idle condition (i.e., TxD pulled High).
Asynchronous communication channels are found in most distributed computer systems
for terminal-to-computer comunications. The common “serial port” found on personal
computers is an asynchronous port. It is used to attach external modems and printers,
and to interface the personal computer to a minicomputer for use as a terminal.
D7
X
D6
X
D5
X
D4
X
D3
X
D2
X
D1
X
D0
X
P
X
Stop
Start
D7
X
D6
X
D5
X
D4
X
D3
X
D2
X
D1
X
D0
X
P
X
Stop
Start
X = High or Low
Figure 4–1. Asynchronous Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com