Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 69Page - Advanced Micro Devices AM85C30 Datasheet HTML 70Page - Advanced Micro Devices AM85C30 Datasheet HTML 71Page - Advanced Micro Devices AM85C30 Datasheet HTML 72Page - Advanced Micro Devices AM85C30 Datasheet HTML 73Page - Advanced Micro Devices AM85C30 Datasheet HTML 74Page - Advanced Micro Devices AM85C30 Datasheet HTML 75Page - Advanced Micro Devices AM85C30 Datasheet HTML 76Page - Advanced Micro Devices AM85C30 Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–21
status bit may be able to provide the indication that an abort pattern was received, since
an abort condition places the receiver in Hunt mode.
4.7.1.6
Residue Bits
Since the information field of an SDLC/HDLC frame can contain any number of bits and
not necessarily an integral number of 8-bit characters, the end of data is determined by
counting back 16 bits from the closing flag of a frame. The SCC provides three Residue
bits that can be used to indicate the boundary between the data and CRC characters in
the last few bytes read from the Receive Data FIFO. The meaning of these Residue bits
with each character length option is shown in Table 4–3. In this table “previous byte” re-
fers to the character received prior to the end of frame flag being detected.
The Residue Code bits are not loaded through the top of the Receive Error FIFO. They
change in RR1 when the last character of the frame is loaded into the Receive Data
FIFO. If there are any characters already in the Data FIFO, the Residue Code will not be
valid until the EOF status bit is set in RR1.
4.7.2
SDLC Mode CRC Polynomial Selection
CRC error checking is done with a 16-bit CRC character inserted between the end of the
data field and the end of frame flag. In Synchronous modes, a control character is usually
used to signify when an end of message has been received (i.e., ETX, EOT, etc.). This
control character comes before the CRC characters; so on reception, the CRC calculation
can be stopped and the transmitted CRC characters are compared with the CRC charac-
ters generated by the receiver. This cannot be done in SDLC mode, since the end of
frame flag is after the CRC characters. In order to use the same core hardware configura-
tion already used in Synchronous modes, SDLC mode requires that the transmit CRC
generator be preset to all ‘1’s, and the complement of the CRC result be transmitted. On
reception, the receive CRC generator must also be preset to all ‘1’s and, when the end of
frame flag is detected, the result is checked against the bit pattern ‘0001110100001111’
to ascertain frame integrity. This is consistent with other bit-oriented protocols, such as
HDLC and ADCCP.
Table 4–3. Residue Codes
0
1
2
8B/C 7B/C 6B/C 5B/C
8B/C 7B/C 6B/C 5B/C
8B/C 7B/C 6B/C 5B/C
1
0
0
0000
310
2
8857
0
1
0
0000
420
0
8863
1
1
0
0000
531
0
8874
0
0
1
0000
642
0
8885
1
0
1
0000
753
1
8886
0
1
1
000–
064
–
888–
1
1
1
00––
10–
–
87––
0
0
0
0–––
2––
–
8–––
Residue
code
Data Bits in Previous
Byte
Data Bits in Second
Byte
Data Bits in Third
Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com