Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 10Page - Advanced Micro Devices AM85C30 Datasheet HTML 11Page - Advanced Micro Devices AM85C30 Datasheet HTML 12Page - Advanced Micro Devices AM85C30 Datasheet HTML 13Page - Advanced Micro Devices AM85C30 Datasheet HTML 14Page - Advanced Micro Devices AM85C30 Datasheet HTML 15Page - Advanced Micro Devices AM85C30 Datasheet HTML 16Page - Advanced Micro Devices AM85C30 Datasheet HTML 17Page - Advanced Micro Devices AM85C30 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 194 page
background image
General Information
AMD
1–6
1.4
Pin Functions
The SCC pins are divided into seven functional groups: Address/Data, Bus Timing and
Reset, Device Control, Interrupt, Serial Data (both channels), Peripheral Control (both
channels), and Clocks (both Channels). Figures 1–3 and 1–4 show the pins in each func-
tional group for the 40- and 44-pin SCC versions.
The Address/Data group consists of the bidirectional lines used to transfer data between
the CPU and the SCC. The direction of these lines depends on whether the SCC is se-
lected and whether the operation is a Read or a Write.
The Timing and Control groups designate the type of transaction to occur and when this
transaction will occur. The Interrupt group provides inputs and outputs to conform to the
Z-Bus specifications for handling and prioritizing interrupts. The remaining groups are di-
vided into Channel A and Channel B groups for serial data (transmit or receive), peripher-
al control (such as DMA or Modem), and the input and output lines for the receive and
transmit clocks.
10216A-004A
IEO
RxDA
TxDA
INT
INTACK
W/REQA
SYNCA
RTxCA
TRxCA
RTSA
CTSA
DCDA
RxDB
TxDB
RD
WR
A/
B
CE
D/
C
W/REQB
SYNCB
DTR/REQB
RTSB
CTSB
DCDB
IEI
+5 V
PCLK
GND
8
Bus
Timing
and Reset
Control
Interrupt
Channel
Clocks
Channel
Controls
for Modem,
DMA, or
Other
Serial
Data
Serial
Data
Channel
Clocks
RTxCB
TRxCB
DTR/REQA
Channel
Controls
for Modem,
DMA, or
Other
Am85C30/
Am8530H
SCC
Data
Bus
D0- D7
Figure 1–3. SCC Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com