Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 74Page - Advanced Micro Devices AM85C30 Datasheet HTML 75Page - Advanced Micro Devices AM85C30 Datasheet HTML 76Page - Advanced Micro Devices AM85C30 Datasheet HTML 77Page - Advanced Micro Devices AM85C30 Datasheet HTML 78Page - Advanced Micro Devices AM85C30 Datasheet HTML 79Page - Advanced Micro Devices AM85C30 Datasheet HTML 80Page - Advanced Micro Devices AM85C30 Datasheet HTML 81Page - Advanced Micro Devices AM85C30 Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–26
10216A-018A
D
C0
D
D
D
D
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10 C11 C12 C13 C14 C15
Residue
Code
0 1 2
0 1 1
D
D
D
D
D
C0
C1
C2
C3
C 4
C5
C6
C7
C 8
C9
C10 C11 C12 C13 C14
C8
C 9
C10 C11 C12 C13 C14 C15
Residue
Code
0 1 2
1 1 1
D
D
D
D
D
D
C0
C1
C2
C3
C4
C5
C6
C 7 C8
C9
C10 C11 C12 C13
C8
C9
C10 C11 C12 C13 C14 C15
Residue
Code
0 1 2
0 0 0
D
D
D
D
D
C0
C1
C 2
C3
C4
C5
C6
C7
C8
C9
C10 C11 C12
C8
C9
C10 C11 C12 C13 C14 C15
Residue
Code
0 1 2
1 0 0
D
D
D
D
D
D
D
D
D
D
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10 C11
Residue
Code
0 1 2
0 1 0
D
D
D
C
C
C
C
C
C
C
C
8
9
10
11
12
13
14
15
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
C 0
C1
C2
C3
C4
C5
C 6
C7
C8
C9
C10
Residue
Code
0 1 2
1 1 0
D
D
D
C
C
C
C
C
C
C
C
8
9
10
11
12
13
14
15
D
D
D
D
D
D
D
D
D
D
D
D
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
Residue
Code
0 1 2
0 0 1
D
D
D
C
C
C
C
C
C
C
C
8
9
10
11
12
13
14
15
D
D
D
D
D
D
D
(No Residue)
(One Residue Bit)
(Two Residue Bits)
(3 Residue Bits)
(4 Residue Bits)
(5 Residue Bits)
(6 Residue Bits)
D
D
D
D
D
C0
C1
C2
C3
C4
C5
C6
C7
C8
Residue
Code
0 1 2
1 0 1
D
D
D
C
C
C
C
C
C
C
C
8
9
10
11
12
13
14
15
D
D
D
D
D
D
(7 Residue Bits)
D
Figure 4–18. Eight Bits/Character
4.7.3
End of Frame (EOF)
Once character assembly begins characters are assembled according to the number of
bits per character specified until an end of frame flag is detected. When this condition is
detected, the receiver transfers the contents of the Receive Shift Register into the Re-
ceive Data FIFO regardless of the number of bits assembled, and the Residue Code, the
CRC Error bit, and EOF Status bit are latched in the Receive Error FIFO.
If either the Rx Interrupt on Special Condition Only or Rx Interrupt on First Character or
Special Condition mode is selected, an interrupt will be generated when the EOF Status
bit reaches the top of the Error FIFO, but only after its associated character is read from
the Receive Data FIFO. When the character is read the FIFO will be locked, that is, the
EOF Status bit remains set for all subsequent characters received until reset by the Error
Reset Command. The processor may then read RR1 to determine the CRC status and
Residue Code of the frame and issue an Error Reset command in WR0 to unlock the Re-
ceive Data FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com