Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 77Page - Advanced Micro Devices AM85C30 Datasheet HTML 78Page - Advanced Micro Devices AM85C30 Datasheet HTML 79Page - Advanced Micro Devices AM85C30 Datasheet HTML 80Page - Advanced Micro Devices AM85C30 Datasheet HTML 81Page - Advanced Micro Devices AM85C30 Datasheet HTML 82Page - Advanced Micro Devices AM85C30 Datasheet HTML 83Page - Advanced Micro Devices AM85C30 Datasheet HTML 84Page - Advanced Micro Devices AM85C30 Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–29
The Tx Underrun/EOM status bit in RR0 will be set to ‘1’ by the SCC to indicate that an
underrun has occurred, and that either the CRC, or abort character, has been loaded into
the Transmit Shift Register for transmission. The Low-to-High transition of this bit may be
programmed to generate an External/Status interrupt or, if interrupts are disabled, may be
polled in RR0.
Hence, if the CRC check characters are to be properly appended to a frame, the Abort/
Flag on Underrun bit must be set to ‘0’, and the Reset Tx Underrun/EOM Command must
be issued after the first but before the last character is written to the Transmit Buffer. This
will ensure that either an abort or the CRC will be transmitted if an underrun occurs. Nor-
mally, the Abort/Flag on Underrun bit in WR10 should be set to ‘1’ around the same time
that the Tx Underrun/EOM bit is reset so that an abort will be sent if the transmitter acci-
dentally underruns, and then set to ‘0’ near the end of the frame to allow the correct trans-
mission of CRC.
Note that the Reset Tx Underrun/EOM command will not reset the status bit latch if the
transmitter is disabled. However, if no External/Status interrupts are pending, or if a Reset
External/Status Interrupt command accompanies this command while the transmitter is
disabled, an External/Status interrupt will be generated with the Tx Underrun/EOM bit
reset in RR0.
4.8.7
Auto Tx Underrun/EOM Latch Reset
On the CMOS SCC, if bit D0 of WR15 is set to ‘1’, the option of having the Tx Underrun/
EOM bit be reset automatically at the start of every frame is provided via bit D1 of WR7’.
This helps alleviate the software burden of having to respond within one character time
when high speed data are being sent.
4.8.8
Transmitter Disabling
The transmitter is enabled/disabled via bit D3 of WR5. Data transmission from the SCC
does not begin until this bit is set to ‘1’. Disabling the transmitter can be done at any time,
but if disabled during transmission of a character, that character will be “completely sent.”
This applies to both data and flags. However, if the transmitter is disabled during the
transmission of CRC, the 16-bit transmission will not be completed and the remaining bits
will be from WR7 (flag character).
In the paragraph above, the term “completely sent” means shifted out the Transmit Shift
Register, not shifted out the zero-bit Inserter which adds an additional 5-bit delay.
On the NMOS SCC, if NRZI encoding is being used and the Transmitter is disabled the
state of the TxD pin will depend on the last bit sent. That is, the TxD pin may either idle in
a Low or High state as shown below in Figure 4–19. Although, in full-duplex applications
this may not be a problem, in half-duplex applications the TxD pin must be pulled high in
order to allow proper reception of data.
4.8.9
NRZI Mode Transmitter Disabling
On the CMOS SCC, an option is provided that allows setting the TxD pin High when oper-
ating in SDLC Mode with NRZI encoding enabled. If bit D0 of WR15 is set to ‘1’, then bit
D3 of WR7’ can be used to set the TxD pin High. Note that the operation of this bit is in-
dependent of the Tx Enable bit in WR5. The Tx Enable bit in WR5 is used to disable and
enable the transmitter, whereas bit D3 of WR7’ acts as a pseudo transmitter disable and
enable by just forcing the TxD pin High when set even though the transmitter may actu-
ally be mark or flag idling. Care must be used when setting this bit because any character
being transmitted at the time this bit is set will be “chopped off,” and data written to the
transmit buffer while this bit is set will be lost.
When the transmit underrun occurs and the CRC and closing flag have been sent, bit D3
can be set to pull TxD High. When ready to start sending data again this bit must be reset
to ‘0’ before the first character is written to the transmit buffer. Note that resetting this bit
causes the TxD pin to take whatever state the NRZI encoder is in at the time so synchro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com