Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 82Page - Advanced Micro Devices AM85C30 Datasheet HTML 83Page - Advanced Micro Devices AM85C30 Datasheet HTML 84Page - Advanced Micro Devices AM85C30 Datasheet HTML 85Page - Advanced Micro Devices AM85C30 Datasheet HTML 86Page - Advanced Micro Devices AM85C30 Datasheet HTML 87Page - Advanced Micro Devices AM85C30 Datasheet HTML 88Page - Advanced Micro Devices AM85C30 Datasheet HTML 89Page - Advanced Micro Devices AM85C30 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–34
RTxC
PCLK
SYNC
Figure 4–20. SYNC as an Output
SYNC
DATA
CRC
Figure 4–21. MONOSYNC Message Format
SYN
SYN
SOH
STX
ETX
or
ETB
BCC
TEXT
HEADER
DIRECTION OF SERIAL DATA FLOW
Figure 4–22. BISYNC Message Format
4.10.1.2
SYNC Character Length
In Synchronous modes, the sync character length that is used during transmit and receive
operations is programmable via bit D0 of WR10.
If this bit is set to ‘0’ in MONOSYNC mode an 8-bit sync character will be used during
transmit and receive operations; however, if set to ‘1’ the 6-bit sync character option will
be selected, and only the least significant six bits of WR6 will be used during transmis-
sion, and the six high-order bits in WR7 will be used during receive.
In BISYNC mode, this bit selects between a 12- or 16-bit sync character length; however,
because the receiver requires that sync characters be left-justified in the registers, while
the transmitter requires them to be right-justified, only the receiver will work properly with
a 12-bit sync character. So if bit D0 of WR10 is set to ‘1’, the receiver will be configured to
recognize a 12-bit sync character, but the transmitter will remain configured for a 16-bit
sync character. The arrangement of the sync character in WR6 and WR7 is shown in Fig-
ure 4–23.
4.10.1.3
Receiver Initialization
The initialization sequence for the receiver in Synchronous modes is to write to WR4 first,
to select the mode, then WR10 to modify it if necessary, WR6 and WR7 to program the
sync characters and then WR3 and WR5 to select the various options. At this point the
other registers should be initialized as necessary. When all of this is complete the re-
ceiver is enabled by setting bit D0 of WR3 to ‘1’.
4.10.1.4
SYNC Character Removal
In Synchronous modes, a sync character that is not part of the data is transmitted before
data to establish character synchronization at the receiver. Once data transmission be-
gins all characters are sent continuously and in phase with each other. Since this syn-
chronizing information is only present at the beginning of a message it may happen that
during message transmission the combination of data characters may not provide suffi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com