Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 84Page - Advanced Micro Devices AM85C30 Datasheet HTML 85Page - Advanced Micro Devices AM85C30 Datasheet HTML 86Page - Advanced Micro Devices AM85C30 Datasheet HTML 87Page - Advanced Micro Devices AM85C30 Datasheet HTML 88Page - Advanced Micro Devices AM85C30 Datasheet HTML 89Page - Advanced Micro Devices AM85C30 Datasheet HTML 90Page - Advanced Micro Devices AM85C30 Datasheet HTML 91Page - Advanced Micro Devices AM85C30 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–36
4.10.1.5
CRC Polynomial Selection
Either of two CRC polynomials may be used in Synchronous modes. The polynomial that
will be used by both the transmitter and receiver is selected by bit D2 in WR5. If this bit is
set to ‘1’, the CRC-16 polynomial (X16+X15+X2+1) will be used; if this bit is set to ‘0’, the
CRC-CCITT polynomial (X16+X12+X5+1) will be used.
4.10.1.5.1
Rx CRC Initialization
The initial state of both transmit and receive CRC generators is controlled by bit D7 of
WR10. When this bit is set to ‘1’, both transmit and receive CRC generators will be preset
to an initial value of all ‘1’s; if this bit is set to ‘0’, they will be preset to an initial value of all
‘0’s.
The SCC presets the receive CRC generator whenever the receiver is in Hunt Mode so a
CRC reset command is not strictly necessary. However, it may be preset by issuing the
Reset CRC Checker command in WR0. The Reset CRC Checker command is necessary
in Synchronous modes if the Enter Hunt Mode command in WR3 is not issued between
received messages. Note that any action that disables the receiver in Synchronous
modes (including External Sync mode) initializes the CRC circuitry.
4.10.1.5.2
Rx CRC Enabling
If CRC is to be used on receive data the receive CRC generator must be enabled by set-
ting bit D0 of WR3 to ‘1’. If sync characters are being stripped (i.e., WR3 bit D1 set to ‘1’)
from the data stream, enabling the CRC may be done at any time before the first non-
sync character is received. If the sync strip feature is not being used, the CRC generator
must not be enabled until after the first data character has been transferred to the Re-
ceive Data FIFO. As previously mentioned, 8-bit sync characters stripped from the data
stream are automatically excluded from CRC calculation. The receive CRC generator
may be enabled and disabled as many times for a given calculation.
4.10.1.5.3
Rx CRC Character Exclusion
Being able to exclude characters from CRC calculation is possible in the SCC because
CRC calculation may be enabled and disabled on the fly. To give the processor sufficient
time to decide whether or not a particular character should be included in the CRC calcu-
lation, the SCC contains an 8-bit time delay between the Receive Shift Register and the
receive CRC generator. The logic also guarantees that the calculation will start or stop
only on a character boundary by delaying the enable or disable until the next character is
loaded into the Receive Data FIFO. To understand how this works refer to the following
explanation and Figure 4–24.
Consider a case where the SCC receives a sequence of eight bytes, called A, B, C, D, E,
F, G and H with A received first. Now suppose that A is the sync character, that CRC is to
be calculated on B, C, E, and F, and that F is the last byte of this message. Before A is
received the receiver is in Hunt mode and the CRC is disabled. When A is in the receive
shift register it is compared with the contents of WR7. Since A is the sync character, the
bit patterns match and receiver leaves Hunt mode, but character A is not transferred to
the receive data FIFO. The CRC remains disabled even though somewhere during the
next eight bit times the processor reads B and enables CRC. At the end of the eight-bit-
time, B is in the 8-bit delay and C is in the receive shift register. Character C is loaded
into the receive data FIFO and at the same time the CRC checker is enabled. During the
next eight-bit-time, the processor reads C and leaves the CRC enabled. At the end of
these eight-bit-times the SCC has calculated CRC on B, character C is the 8-bit delay
and D is in the Receive Shift register. D is then loaded into the receive data buffer and at
some point during the next eight-bit-time the processor reads D and disables CRC. At the
end of these eight-bit-times CRC has been calculated on C, character D is in the 8-bit
delay and E is in the Receive Shift register.
Now E is loaded into the receive Data FIFO and, at the same time, the CRC is disabled.
During the next eight-bit-times the processor reads E and enables the CRC. During this
time E shifts into the 8-bit delay, F enters the Receive Shift register and CRC is not being
calculated on D. After these eight-bit-times have elapsed, E is in the 8-bit delay, and F is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com