Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 86Page - Advanced Micro Devices AM85C30 Datasheet HTML 87Page - Advanced Micro Devices AM85C30 Datasheet HTML 88Page - Advanced Micro Devices AM85C30 Datasheet HTML 89Page - Advanced Micro Devices AM85C30 Datasheet HTML 90Page - Advanced Micro Devices AM85C30 Datasheet HTML 91Page - Advanced Micro Devices AM85C30 Datasheet HTML 92Page - Advanced Micro Devices AM85C30 Datasheet HTML 93Page - Advanced Micro Devices AM85C30 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–38
Receive Data FIFO
Receive Shift Register
Eight Bit Time Delay
CRC Checker
Receive Data
Figure 4–24. Receive CRC Data Path for Synchronous Mode
4.10.2.2.1
Tx CRC Initialization
The initial state of the transmit and receive CRC generators is controlled by bit D7 of
WR10. When this bit is set to ‘1’, both generators will be preset to an initial value of all
‘1’s, if this bit is set to ‘0’, both generators will be reset to ‘0’s. The SCC does not auto-
matically preset the transmit CRC generator, so this must be done in software. This is
accomplished by issuing the Reset Tx CRC Generator command, which is encoded in
bits D7 and D6 of WR0. For proper results this command must be issued while the trans-
mitter is enabled and sending sync characters.
4.10.2.2.2
Tx CRC Enabling
If CRC is to be used, the transmit CRC generator must be enabled by setting bit D0 of
WR5 to ‘1’. This bit may also be used to exclude certain characters from the CRC calcula-
tion in Synchronous modes.
4.10.2.2.3
CRC Transmission
As in SDLC mode, the transmission of the CRC check characters in Synchronous modes
is controlled by the Transmit CRC Enable bit in WR5 (D0) and Tx Underrun/EOM bit in
RR0 (D6). If the Transmit Enable bit is set to ‘0’ when a transmit underrun occurs, the
CRC check characters will not be sent regardless of the state of the Tx Underrun/EOM
bit. If the Transmit Enable bit is set to ‘1’ when a transmit underrun occurs then the state
of the Tx Underrun/EOM bit determines the action taken by the transmitter. The Tx Un-
derrun/EOM bit is set by the transmitter and only reset by the processor via the Reset Tx
Underrun/EOM command in WR0.
If the Tx Underrun/EOM bit is set to ‘1’ when an underrun occurs, the transmitter will
close the message just sent by sending sync characters; however, if this bit is set to ‘0’,
the transmitter will close the message by sending the accumulated CRC followed by sync
characters. The transmitter will idle the transmission line by sending sync characters until
either more data are written to the Transmit Buffer or the transmitter is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com