Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 4Page - Advanced Micro Devices AM85C30 Datasheet HTML 5Page - Advanced Micro Devices AM85C30 Datasheet HTML 6Page - Advanced Micro Devices AM85C30 Datasheet HTML 7Page - Advanced Micro Devices AM85C30 Datasheet HTML 8Page - Advanced Micro Devices AM85C30 Datasheet HTML 9Page - Advanced Micro Devices AM85C30 Datasheet HTML 10Page - Advanced Micro Devices AM85C30 Datasheet HTML 11Page - Advanced Micro Devices AM85C30 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 194 page
background image
AMD
Table of Contents
6.3.1
Read Register 0 (Transmit/Receive Buffer
Status and External Status)
6–30
. . . . . . . . . . . . . . . . . . . .
6.3.2
Read Register 1
6–33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.3
Read Register 2
6–35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.4
Read Register 3
6–35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.5
Read Register 6
6–36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.6
Read Register 7
6–36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.7
Read Register 8
6–37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.8
Read Register 10
6–37
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.9
Read Register 12
6–38
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.10 Read Register 13
6–38
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.11 Read Register 15
6–39
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Chapter 7
SCC Application Notes
7.1
Am8530H Initialization
7–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.1
Introduction
7–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.1.1 Register Overview
7–3
. . . . . . . . . . . . . . . . . . . .
7.1.1.2 Initialization Procedure
7–4
. . . . . . . . . . . . . . . .
7.1.1.3 Initialization Table Generation
7–6
. . . . . . . . . . .
7.1.1.4 Reset Conditions
7–6
. . . . . . . . . . . . . . . . . . . . .
7.2
Polled Asynchronous Mode
7–7
. . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.1
Introduction
7–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.2
SCC Interface
7–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.3
SCC Initialization
7–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.3.1 SCC Operating Mode Programming
7–9
. . . . . .
7.2.3.2 SCC Operating Mode Enables
7–10
. . . . . . . . . .
7.2.4
Transmit and Receive Routines
7–10
. . . . . . . . . . . . . . . . .
7.3
Interrupt Without Intack Asynchronous Mode
7–11
. . . . . . . . . . . .
7.3.1
Introduction
7–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3.2
SCC Interface
7–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3.3
SCC Initialization
7–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3.3.1 SCC Operating Modes Programming
7–12
. . . . .
7.3.3.2 SCC Operating Mode Enables
7–13
. . . . . . . . . .
7.3.3.3 SCC Operating Mode Interrupts
7–13
. . . . . . . . .
7.3.4
Interrupt Routine
7–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.4
Interfacing to the 8086/80186
7–15
. . . . . . . . . . . . . . . . . . . . . . . .
7.4.1
8086 (Also Called iAPX86) Overview
7–15
. . . . . . . . . . . .
7.4.1.1 The 8086 and Am8530H Interface
7–15
. . . . . . .
7.4.1.2 Initialization Routines
7–18
. . . . . . . . . . . . . . . . .
7.5
Interfacing to the 68000
7–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.5.1
68000 Overview
7–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.5.2
The 68000 and Am8530H Without Interrupts
7–21
. . . . . .
7.5.3
The 68000 and Am8530H With Interrupts
7–23
. . . . . . . . .
7.5.4
The 68000 and Am8530H With Interrupts
via a PAL Device
7–25
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.6
Am7960 and Am8530H Application
7–26
. . . . . . . . . . . . . . . . . . . .
7.6.1
Distributed Data Processing Overview
7–26
. . . . . . . . . . .
7.6.2
Data Communications at the Physical Layer
7–27
. . . . . . .
7.6.3
Hardware Considerations
7–28
. . . . . . . . . . . . . . . . . . . . .
7.6.4
Software Considerations
7–32
. . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com