Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 124Page - Advanced Micro Devices AM85C30 Datasheet HTML 125Page - Advanced Micro Devices AM85C30 Datasheet HTML 126Page - Advanced Micro Devices AM85C30 Datasheet HTML 127Page - Advanced Micro Devices AM85C30 Datasheet HTML 128Page - Advanced Micro Devices AM85C30 Datasheet HTML 129Page - Advanced Micro Devices AM85C30 Datasheet HTML 130Page - Advanced Micro Devices AM85C30 Datasheet HTML 131Page - Advanced Micro Devices AM85C30 Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 194 page
background image
Register Description
AMD
6–18
Bit 4: DTR/REQ Timing Mode
This bit controls the timing of the
DTR/REQ pin. If this bit is set to ‘1’, the deactivation tim-
ing of the
DTR/REQ pin is made identical to the WAIT/REQ pin.
Bit 3: TxD Forced High in SDLC NRZI Mode
If this bit is set to ‘1’, and the transmitter is disabled while the SCC is programmed in
SDLC mode with NRZI encoding, the
TxD pin will be pulled to a high physical state.
Bit 2: Auto RTS Deactivation
This bit synchronizes the deactivation of
RTS with the closing flag of an SDLC frame. If
this bit is set to ‘1’ and the user deactivates
RTS while the CRC characters are being
transmitted, the SCC assures that the last bit of the flag character is transmitted before
deactivating
RTS.
Bit 1: Auto EOM Reset
This bit removes the requirement of having to reset the Tx Underrun/EOM latch during
the transmission of a frame. If this bit is set to ‘1’, the Tx Underrun/EOM latch will be
automatically reset by the SCC after the first byte is transmitted.
Bit 0: Auto Tx Flag
This bit removes the requirement of having to wait for the mark idle and flag characters to
be sent before the first data character of a new frame is written to the transmit buffer reg-
ister (WR8). If this bit is set to ‘1’, the user need only write the first character to the trans-
mit buffer. The SCC will then transmit the opening flag followed by data.
6.2.9
Write Register 8 (Transmit Buffer)
WR8 is the transmit buffer register.
6.2.10
Write Register 9 (Master Interrupt Control)
WR9 is the Master Interrupt Control register and contains the Reset command bits. Only
one WR9 exists in the SCC and can be accessed from either channel. The interrupt con-
trol bits can be programmed at the same time as the Reset command because these bits
are reset only by a hardware reset. Bit positions for WR9 are shown in Figure 6–10.
D7 D6 D5 D4 D3 D2 D1 D0
00
01
10
11
No Reset
Channel Reset B
Channel Reset A
Force Hardware Reset
VIS
NV
DLC
MIE
STATUS HIGH/
STATUS LOW
Interrupt Masking without
INTACK
Figure 6–10. Write Register 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com