Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 178 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 178 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 174Page - Advanced Micro Devices AM85C30 Datasheet HTML 175Page - Advanced Micro Devices AM85C30 Datasheet HTML 176Page - Advanced Micro Devices AM85C30 Datasheet HTML 177Page - Advanced Micro Devices AM85C30 Datasheet HTML 178Page - Advanced Micro Devices AM85C30 Datasheet HTML 179Page - Advanced Micro Devices AM85C30 Datasheet HTML 180Page - Advanced Micro Devices AM85C30 Datasheet HTML 181Page - Advanced Micro Devices AM85C30 Datasheet HTML 182Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 194 page
background image
SCC Application Notes
AMD
7–29
ACD is asserted whenever the receiver detects line activity. This scheme is a significant
asset in the single bus (half-duplex) architecture shown in Figure 7–19. Consider the case
where Device 1 is transmitting and Device 4 is receiving. Although the message on the
bus is not read by Devices 2 and 3, their respective
ACD lines will be active (Low) due to
line activity at their receive inputs, RxL0 and RxL1. This prevents the controllers from
transmitting as long as there is line activity, thus avoiding any potential collisions or inter-
ruption of the transmission. During transmission,
ACD is internally negated. The ACD and
RTS gating scheme does not interfere with normal data transmission.
In this example (Figure 7–19), the Am7960 will generate and recognize its own preamble
because the Am8530H does not have that capability. This is called Mode 0 operation and
is accomplished by holding the Mode pin Low. The Master Reset input is an asynchro-
nous transceiver reset. When asserted, all interface signals will be inhibited with the ex-
ception of transmit clock. It has an internal pull-up resistor, internal discharge clamp
diode, and input hysteresis to provide power-on reset with a single external capacitor to
ground.
The Clear-To-Send (
CTS) is activated just before the Am7960 is ready to transmit data.
The interface for Transmit Data (TxD), Transmit Clock (TxC), Receive Data (RxD), and
Carrier Sense (
CS) between the Am7960 and the Am8530H are direct connections. This
ease of connection is possible because the Am8530 supports the modem-like interface
(standard for most USARTs and serial communications controllers) for which the Am7960
is designed.
The RxC rising edge to RxD valid time on the Am7960 varies from –5 ns to +20ns. The
Am8530H clocks in data on the rising edge of RxC and requires a set-up of at least 0 ns
from RxD to the rising edge of
RxC. This set-up time will not be met if the same RxC
edge that clocks out data from the Am7960 is used to clock in data to the Am8530H. This
problem can be solved by inverting the receive clock from the Am7960 before feeding it
into the Am8530H.
The X1 and X2 pins supply the clock to the digital phase-locked loop in the Am7960,
which in turn generates the TxC and RxC signals. These inputs can be driven by either a
crystal or a TTL source. The crystal oscillator circuit must be used, in 3rd harmonic, for
frequencies above 24 MHz. If a TTL source is connected to X1, the X2 pin must be left
open.
The hardware connections between the Am8530H and a CPU and DMA controller are
equally simple. Use of a DMA controller is suggested for any system that transmits above
500 kb/s, to simplify data transfers between the memory and the Am8530H. After initializ-
ing the Am8530H and the DMA channel, the CPU leaves the actual transfer of data to the
DMA controller (explained under Software Considerations later in this application note).
During transmission, the SCC requests a DMA transfer by pulling the
W/REQ line active
(Low) if the transmit buffer is empty, or keeps it High until the transmit buffer is empty.
Similarly, the receive section will request a DMA transfer if the receive buffer contains a
character or will keep
W/REQ High until a character enters the receive buffer. A flag
within the SCC can be read to recognize an End-Of-Message (EOM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com