Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 30Page - Texas Instruments AMC6821 Datasheet HTML 31Page - Texas Instruments AMC6821 Datasheet HTML 32Page - Texas Instruments AMC6821 Datasheet HTML 33Page - Texas Instruments AMC6821 Datasheet HTML 34Page - Texas Instruments AMC6821 Datasheet HTML 35Page - Texas Instruments AMC6821 Datasheet HTML 36Page - Texas Instruments AMC6821 Datasheet HTML 37Page - Texas Instruments AMC6821 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Table 14. Memory Map (continued)
ADDR
NAME
R/W
DEFAULT
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TEMPERATURE MONITORING (continued)
0
0
PSV8
PSV7
PSV6
PSV5
PSV4
PSV3
0x1C
PSV-Temp
R/W
0x00
Passive Cooling Temperature threshold. 3 LSBs and two MSBs are '0'. For details, refer to the passive cooling
temperature limit in the Temperature Out-of-Range Detection section. Default = 0
°C.
RT-C10
RT-C9
RT-C8
RT-C7
RT-C6
RT-C5
RT-C4
RT-C3
0x1D
Remote-Critical-Temp
R/W
0x69
The 8 MSBs of Remote Critical temperature shutdown threshold. 3 LSBs are '0'. When the Remote-Temp is equal to or
above this limit, an RCRT interrupt occurs and OVR goes low. Default = +105
°C.
PWM CONTROLLER
FSPD
0
PWM2
PWM1
PWM0
STIME2
STIME1
STIME0
0x20
FAN-Characteristics
R/W
0x1D
Spin Dis
PWM Frequency Setting
Spin-Up Time Setting
L-DCY7
L-DCY6
L-DCY5
L-DCY4
L-DCY3
L-DCY2
L-DCY1
L-DCY0
0x21
DCY-Low-Temp
R/W
0x55
The duty cycle of PWM when the temperature is equal to or below Low-Temp in Auto Temp-Fan Control mode.
Default = 0x55, 33.2%.
DCY7 (MSB)
DCY6
DCY5
DCY4
DCY3
DCY2
DCY1
DCY0
Actual Duty cycle of PWM output. The duty cycle changes immediately after new data are written into this register. 8-bit,
0.39%/bit, range 0%-100%. Default = 33%.
In read operation, the returned data are the actual DCY value driving the PWM-Out pin with two exceptions. Refer to the
0x22
DCY (Duty Cycle)
R/W
0x55
DCY Register section.
In write operation, the data written are the actual DCY value driving the PWM-Out pin in Software-DCY control mode.
In all other control modes, the data are not used to drive the PWM. Instead, they are stored in a temporary register, and
used to control the PWM immediately after the control mode is changed to software-DCY control.
RAMPE
STEP1
STEP0
RATE2
RATE1
RATE0
THRE1
THRE0
0x23
DCY-RAMP
R/W
0x52
DCY Adjustment Step in
DCY Update Rate in Auto Temp-Fan
Adjustment Threshold in
Ramp Enable
Auto Fan Control
Control
Auto Temp-Fan Control
L-TEMP4
L-TEMP3
L-TEMP2
L-TEMP1
L-TEMP0
L-SLP2
L-SLP1
L-SLP0
0x24
Local Temp-Fan Control
(1)
R/W
0x41
Low-Temp in Auto Local Temp-Fan control.
Slope in Auto Local Temp-Fan control.
R-TEMP4
R-TEMP3
R-TEMP2
R-TEMP1
R-TEMP0
R-SLP2
R-SLP1
R-SLP0
0x25
Remote Temp-Fan Control
R/W
0x61
Low-Temp in Auto Remote Temp-Fan control.
Slope in Auto Remote Temp-Fan control.
TACH (RPM) MEASUREMENT
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
0x08
TACH-DATA-LByte
R
0x00
Low byte of TACH measurement.
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
0x09
TACH-DATA-HByte
R
0x00
High byte of TACH measurement.
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
Limit7
Limit6
Limit5
Limit4
Limit3
Limit2
Limit1
Limit0
0x10
TACH-Low-Limit-LByte
R/W
0xFF
Low byte of TACH count limit corresponding to minimum allowed RPM. Since the TACH circuit counts between TACH
pulses, a slow fan results in a larger measured value. When the measured value is larger than TACH-Low-Limit, the fan
runs below the allowed minimum speed limit.
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
Limit15
Limit14
Limit13
Limit12
Limit11
Limit10
Limit9
Limit8
0x11
TACH-Low-Limit-HByte
R/W
0xFF
High byte of TACH Limit corresponding to minimum allowed RPM.
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
Limit7
Limit6
Limit5
Limit4
Limit3
Limit2
Limit1
Limit0
0x12
TACH-High-Limit-LByte
R/W
0x00
Low byte of TACH count Limit corresponding to maximum allowed RPM. Since the TACH circuit counts between TACH
pulses, a fast fan results in a small measured value. When the measurement is less than this limit, the fan runs above the
allowed maximum speed limit.
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
Limit15
Limit14
Limit13
Limit12
Limit11
Limit10
Limit9
Limit8
0x13
TACH-High-Limit-HByte
R/W
0x00
High byte of TACH limit corresponding to maximum allowed RPM.
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
SETTING7
SETTING6
SETTING5
SETTING4
SETTING3
SETTING2
SETTING1
SETTING0
0x1E
TACH-SETTING-LByte
R/W
0xFF
Low byte of TACH value corresponding to the predetermined target fan speed. TACH-SETTING must be not greater than
the value corresponding to the RPM for 30% duty cycle when the TACH-MODE bit is cleared ('0').
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
SETTING15
SETTING14
SETTING13
SETTING12
SETTING11
SETTING10
SETTING9
SETTING8
0x1F
TACH-SETTING-HByte
R/W
0xFF
High byte of TACH value corresponding to the predetermined fan speed. TACH-SETTING must be not greater than the
value corresponding to the RPM for 30% duty cycle when the TACH-MODE bit is cleared ('0').
0x3A
Reserved
R
0x00
Always read '0'.
0x3B
Reserved
R
0x00
Always read '0'.
(1)
Used to calculate the target PWM duty cycle for local temperature in maximum fast-speed calculated control.
34
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com