Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 24Page - Texas Instruments AMC6821 Datasheet HTML 25Page - Texas Instruments AMC6821 Datasheet HTML 26Page - Texas Instruments AMC6821 Datasheet HTML 27Page - Texas Instruments AMC6821 Datasheet HTML 28Page - Texas Instruments AMC6821 Datasheet HTML 29Page - Texas Instruments AMC6821 Datasheet HTML 30Page - Texas Instruments AMC6821 Datasheet HTML 31Page - Texas Instruments AMC6821 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
www.ti.com
TargetDCYatT1=DCY-LOW-TEMP+(T1
LOW-TEMP)
SLOPE;
-
´
HIGH-TEMP=(LOW-TEMP)+
(100
DCY-LOW-TEMP)
-
SLOPE
(3)
NormalRange
DCY-LOW-TEMP
(DCYatLowTemperature,
Defaultis33%)
100%
LOW-TEMP(LowTemperature)
RPM=0
ActualTemperature
PSV-Temp
(PassiveCoolingTemperature)
Low-Temp-Limit
Out-of-Range
Out-of-Range
Temperature-to-DCYAdjustmentRange
DCYincreaseswhenthetemperaturerises.
DCYdecreaseswhenthetemperaturereduces.
0%
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The bits [R-TEMP4:R-TEMP0] of the Remote TEMP-FAN Control Register and the bits [L-TEMP4:L-TEMP0] of
the Local TEMP-FAN Control Register are the low temperature bits that define the low temperature of the control
loops. Bits [SPL2:SPL0] of these registers are the slope bits that define the increment of the duty cycle when the
temprature increases 1
°C. The bits [RATE2:RATE0] of the DCY-RAMP Register (bits [4:1], 0x23) specify the
updating rate of the duty cycle in the temp-fan control mode, and the bits [STEP1:STEP0] define how much the
duty cycle is adjusted by each updating. The target duty cycle for temperature T1 and the HIGH-TEMP (high
temperature) can be calculated by Equation 3:
Figure 28. Active Control Temperature—PWM Duty Cycle
When the active control temperature is equal to or below the corresponding low temperature, the duty cycle is
equal to the value of the DCY-LOW-TEMP Register and the fan runs at a predefined minimum speed. When the
control temperature is equal to or higher than the corresponding high temperature, the PWM duty cycle is set to
100% and the fan runs at full speed. When the active control temperature is equal to or below the corresponding
value of the PSV-Temp Register (the predefined passive cooling temperature), the fan stops and the PWM duty
cycle is set to 0.
28
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com