Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 22Page - Texas Instruments AMC6821 Datasheet HTML 23Page - Texas Instruments AMC6821 Datasheet HTML 24Page - Texas Instruments AMC6821 Datasheet HTML 25Page - Texas Instruments AMC6821 Datasheet HTML 26Page - Texas Instruments AMC6821 Datasheet HTML 27Page - Texas Instruments AMC6821 Datasheet HTML 28Page - Texas Instruments AMC6821 Datasheet HTML 29Page - Texas Instruments AMC6821 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
www.ti.com
(TACH-DATARegister)
T
-
ACH-SETTINGRegister)
|Error|>0x000A
No
Yes
No
Yes
(T
)>
ACH-DATA
(TACH-SETTING)
IncreaseDCY
byoneSTEP
DecreaseDCY
byoneSTEP
MeasureRPMandadjustDCYonceeverysecond(TACH-FAST=0)
oronceevery250ms(T
=1).
ACH-FAST
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The monitoring and adjustment is made once every second, or once every 250ms, as determined by the
TACH-FAST bit of Configuration Register 4 (bit 5, 0x04). Bits [STEP1:STEP0] of the DCY-RAMP Register define
the allowed amount of each adjustment. When the difference between the values of the TACH-DATA and TACH
Setting Registers are equal to or less than 0x000A, the adjustment finishes. 0x000A corresponds to about 1.8%
tolerance for 10,000RPMs, or 0.9% for 5000RPMs. This measurement architecture is illustrated in Figure 26.
In practice, the selected target speed must be not too low to operate the fan. When the TACH-MODE bit (bit 1 of
0x02) is cleared ('0'), the duty cycle of PWM-Out is forced to 30% when the calculated desired value of duty
cycle is less than 30%. Therefore, the TACH setting must be not greater than the value corresponding to the
RPM for 30% duty cycle. When TACH mode = '1', the TACH setting must not be greater than the value
corresponding to the allowed minimum RPM at which the fan runs properly.
Figure 26. RPM Fan DCY Loop
26
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com