Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 3 Page - Texas Instruments

  AMC6821 Datasheet HTML 1Page - Texas Instruments AMC6821 Datasheet HTML 2Page - Texas Instruments AMC6821 Datasheet HTML 3Page - Texas Instruments AMC6821 Datasheet HTML 4Page - Texas Instruments AMC6821 Datasheet HTML 5Page - Texas Instruments AMC6821 Datasheet HTML 6Page - Texas Instruments AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
At TA = –40°C to +100°C and VDD = +3V or +5V, unless otherwise noted.
AMC6821
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
TA = 0°C to +90°C
±0.5
±2.0
°C
Local sensor accuracy
TA = –25°C to +100°C
±1.0
±3.0
°C
TR = +50°C to +100°C
±0.5
±2.0
°C
Remote sensor accuracy(1)
TR = –40°C to +125°C
±1.0
±3.0
°C
Sensor resolution
Both channels
0.125
°C
Conversion time
Two channels
62.5
ms
PWM CONTROLLER
PWM frequency range (programmable)
10
40k
Hz
PWM frequency accuracy
+25
°C to +100°C
–6
+7
%
Duty cycle
Programmable
0
100
%
Duty cycle resolution
8-bit
0.39
%/bit
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
+25
°C to +100°C
–6
+7
%
Full-scale count
65535
Nominal input RPM
100
23000
RPM
Internal clock frequency for RPM measurement
100
kHz
DIGITAL INPUT/OUTPUT
VOL
Open-drain output low voltage
Sink current 6 mA, VDD = +3V
0
0.4
V
IOH
Open-drain high-level output leakage current
0.1
1
µA
VIH
Input high voltage
2.1
V
VIL
Input low voltage
0.8
V
IIH
Input high current
–1
µA
IIL
Input low current
1
µA
Input capacitance
5
pF
POWER SUPPLY
Operating VDD Range
2.7
5
5.5
V
Specified VDD Range
3
5
V
Current
VDD = 5
1.1
2.0
mA
Power dissipation
5
mW
Operating temperature
–40
+125
°C
Storage temperature
–65
+150
°C
(1)
The remote temperature sensor is optimized for the Pentium M™ thermal diode with diode ideality n = 1.0022, and TA = 0°C to +100°C.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com