Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 42Page - Texas Instruments AMC6821 Datasheet HTML 43Page - Texas Instruments AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments AMC6821 Datasheet HTML 47Page - Texas Instruments AMC6821 Datasheet HTML 48Page - Texas Instruments AMC6821 Datasheet HTML 49Page - Texas Instruments AMC6821 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
www.ti.com
TEMPERATURE LIMIT REGISTERS
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Remote-Temp-DATA-HByte Register (Address 0x0B, Value After Power-On or Reset = 0x80, –128
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
RT10 (MSB)
RT9
RT8
RT7
RT6
RT5
RT4
RT3
Bits [RT10:RT3] are the eight MSBs of the newest remote temperature reading.
It is important to note that temperature can be read as an 8-bit value (with 1
°C resolution) from the
Temp-DATA-Hbyte register, or as an 11-bit value (with 0.125
°C resolution) from the Temp-DATA-LByte and
Temp-DATA-HByte registers. If only 1
°C resolution is required, the temperature readings can be read back at
any time and in no particular order. If the 11-bit measurement is required, this involves a two-register read for
each measurement. The Temp-DATA-LByte register (0x06) should be read first. This condition causes all
temperature reading registers to be frozen until the Remote-Temp-DATA-HByte Register (0x0B) is read. This
architecture also prevents an MSB reading from being updated while the 3LSBs are being read, and vice versa.
See the Reading Temperature Data section for details.
All temperature limits are 11 bits with three LSBs always '0'. Only eight MSBs need to be set in one register for
each limit.
Local-High-Temp-Limit Register (Address 0x14, Value After Power-On or Reset = 0x3C, +60
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
LT-H10 (MSB)
LT-H9
LT-H8
LT-H7
LT-H6
LT-H5
LT-H4
LT-H3
These bits are the upper bounds of the local temperature.
Local-Low-Temp-Limit Register (Address 0x15, Value After Power-On or Reset = 0x00, 0
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
LT-L10 (MSB)
LT-L9
LT-L8
LT-L7
LT-L6
LT-L5
LT-L4
LT-L3
These bits are the lower bounds of the local temperature.
Local-THERM-Limit Register (Address 0x16, Value After Power-On or Reset = 0x46, +70
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
LT-T10 (MSB)
LT-T9
LT-T8
LT-T7
LT-T6
LT-T5
LT-T4
LT-T3
These bits are the thermal threshold of the local temperature.
Remote-High-Temp-Limit Register (Address 0x18, Value After Power-On or Reset = 0x50, +80
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
RT-H10 (MSB)
RT-H9
RT-H8
RT-H7
RT-H6
RT-H5
RT-H4
RT-H3
These bits are the upper bounds of the remote temperature.
46
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com