Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 29Page - Texas Instruments AMC6821 Datasheet HTML 30Page - Texas Instruments AMC6821 Datasheet HTML 31Page - Texas Instruments AMC6821 Datasheet HTML 32Page - Texas Instruments AMC6821 Datasheet HTML 33Page - Texas Instruments AMC6821 Datasheet HTML 34Page - Texas Instruments AMC6821 Datasheet HTML 35Page - Texas Instruments AMC6821 Datasheet HTML 36Page - Texas Instruments AMC6821 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
www.ti.com
REGISTER MAP
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
All registers are 8-bit. Table 14 shows the memory map. Locations that are marked Reserved read back 0x0000
if they are read by the host. Writing to these locations has no effect.
Table 14. Memory Map
ADDR
NAME
R/W
DEFAULT
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IDENTIFICATION REGISTERS
0
0
1
0
0
0
0
1
0x3D
Device ID Register
R
0x21
Device identification number. Always read '0x21'.
0
1
0
0
1
0
0
1
0x3E
Company ID Register
R
0x49
Company identification number.
CONFIGURATION REGISTERS
FAN-Fault-
THERMOVIE
FDRC1
FDRC0
PWMINV
FANIE
INT-EN
START
EN
0x00
Configuration Register 1
R/W
0xD4
THERM INT
FAN-Fault
Global Int
Fan Control Mode
PWM Invert
RPM Int EN
Start Monitor
Enable
Pin EN
EN
TACH-
RST
PSVIE
RTOIE
LTOIE
RTFIE
TACH-EN
PWM-EN
MODE
0x01
Configuration Register 2
R/W
0x3D
Remote
PWM-Out
Reset
LPSV Int EN
RT Int EN
LT Int EN
Failure Int
TACH EN
TACH Mode
EN
EN
THERM-FAN-
0
0
0
0
0
1
0
EN
0x3F
Configuration Register 3
R/W
0x82
THERM-Fan
Part Revision Number
Control
For Future
PSPR
TACH-FAST
OVREN
1
0
0
0
Use
0x04
Configuration Register 4
R/W
0x08
TACH
Must be
Pulse
Reading
OVR Pin EN
Reserved
rewritten to '1'.
Number
Fast
RPM-
LTL
LTH
RTF
R-THERM
RTL
RTH
FANS
ALARM
0x02
Status Register 1
R
0x00
RT Over
LT Low
LT High
RT Failure
RT Low
RT High
Fan Slow
Fan Fast
Therm
THERM-IN
L-THERM
LPSV
LTC
RTC
0
0
0
0x03
Status Register 2
R
0x00
LT Over
LT Below
LT Over
RT Over
Therm Input
Reserved
Therm
Therm
Critical
Critical
TEMPERATURE MONITORING
LT2
LT1
LT0
0
0
RT2
RT1
RT0
0x06
Temp-DATA-LByte
R
0x00
3 LSBs of Local Reading
Reserved
3 LSBs of Remote Reading
LT10 (MSB)
LT9
LT8
LT7
LT6
LT5
LT4
LT3
0x0A
Local-Temp-DATA-HByte
R
0x80
The 8 MSBs of newest reading of local temperature sensor. Default = –128
°C.
RT10 (MSB)
RT9
RT8
RT7
RT6
RT5
RT4
RT3
0x0B
Remote-Temp-DATA-HByte
R
0x80
The 8 MSBs of newest reading of remote temperature sensor. Default = –128
°C.
LT-H10
LT-H9
LT-H8
LT-H7
LT-H6
LT-H5
LT-H4
LT-H3
0x14
Local-High-Temp-Limit
R/W
0x3C
8 MSBs of upper-bound threshold of out-of-range detection of Local-Temp. 3 LSBs are '0'. Default = +60
°C.
LT-L10
LT-L9
LT-L8
LT-L7
LT-L6
LT-L5
LT-L4
LT-L3
0x15
Local-Low-Temp-Limit
R/W
0x00
8 MSBs of lower-bound threshold of the out-of-range detection of Local-Temp. 3 LSBs are '0'. Default = 0
°C.
LT-T10
LT-T9
LT-T8
LT-T7
LT-T6
LT-T5
LT-T4
LT-T3
0x16
Local-THERM-Limit
R/W
0x46
8 MSBs of local THERM temperature limit. 3 LSBs are '0'. When local temperature is equal to or above this limit,
L-THERM is detected. Default = +70
°C.
RT-H10
RT-H9
RT-H8
RT-H7
RT-H6
RT-H5
RT-H4
RT-H3
0x18
Remote-High-Temp-Limit
R/W
0x50
The 8 MSBs of the upper-bound threshold of the out-of-range detection of Remote-Temp. 3 LSBs are '0'. Default = +80
°C.
RT-L10
RT-L9
RT-L8
RT-L7
RT-L6
RT-L5
RT-L4
RT-L3
0x19
Remote-Low-Temp-Limit
R/W
0x00
The 8 MSBs of the lower-bound threshold of the out-of-range detection of Remote-Temp. 3 LSBs are '0'. Default = 0
°C.
RT-T10
RT-T9
RT-T8
RT-T7
RT-T6
RT-T5
RT-T4
RT-T3
0x1A
Remote-THERM-Limit
R/W
0x64
8 MSBs of Remote THERM temperature limit. 3 LSBs are '0'. When remote temperature is equal to or above this limit,
R-THERM is detected. Default = +100
°C.
LT-C10
LT-C9
LT-C8
LT-C7
LT-C6
LT-C5
LT-C4
LT-C3
0x1B
Local-Critical-Temp
R/W
0x50
The 8 MSBs of Local Critical temperature shutdown threshold. 3 LSBs are '0'. When the Local-Temp is equal to or above
this limit, the LTC interrupt occurs and OVR goes low. Default = +80
°C.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com