Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 40Page - Texas Instruments AMC6821 Datasheet HTML 41Page - Texas Instruments AMC6821 Datasheet HTML 42Page - Texas Instruments AMC6821 Datasheet HTML 43Page - Texas Instruments AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments AMC6821 Datasheet HTML 47Page - Texas Instruments AMC6821 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
DCY-RAMP Register (Address 0x23, Value After Power-On or Reset = 0x52)
BIT
NAME
DEFAULT
DESCRIPTION
7
RAMPE
0
Ramp Enable Bit. Ignored in software-RPM control.
When RAMPE = 1, Ramp is enabled. The DCY changes to the desired value gradually according
to STEP bits and RATE bits.
When RAMPE = 0, Ramp is disabled. DCY changes to the desired target value immediately.
Default = 0.
6
STEP1
1
Adjustment Step Bits.
5
STEP0
0
STEP1
STEP0
Max Adjustment
0
0
1/256
0
1
2/256
1
0
4/256 (Default)
1
1
8/256
4
RATE2
1
DCY Updating Rate Bits in Auto Temp-Fan Control Mode.
3
RATE1
0
DCY Updates/Sec
RATE2
RATE1
RATE0
(Auto Temp-Fan CTR)
2
RATE0
0
0
0
0
0.0625
0
0
1
0.125
0
1
0
0.25
0
1
1
0.5
1
0
0
1 (Default)
1
0
1
2
1
1
0
4
1
1
1
8
1
THRE1
1
Adjustment Threshold Bits in Auto Temp-Fan Control Mode.
0
THRE0
0
THRE1
THRE0
Threshold
0
0
1/256
0
1
2/256
1
0
3/256 (Default)
1
1
4/256
This register is ignored in the software DCY control mode. This register determines how fast the PWM duty cycle
is adjusted to the desired value when the temperature changes in the automatic temperature-fan control, or when
the fan speed varies from the predetermined value in the software RPM control mode.
RAMPE: Ramp Enable bit.
This bit is ignored in the software RPM control mode. The duty cycle always gradually ramps to the target value
in Software-RPM mode.
Adjustment Step Bits: [STEP1:STEP0]
In the software RPM control, these bits specify the amount that duty cycle changes each time.
In the auto fan temperature control mode, these bits are ignored when RAMPE = 0. When RAMPE = 1, these
bits define the maximum amount that the duty cycle can change each time if the duty cycle needs to be adjusted.
For example, if the current value of the duty cycle is 50% and the desired value is 75%, the total required
increment is 25%. If the step is 1/256 (bits [STEP1:STEP0] = '00'), then the duty cycle increases by 1/256
(0.39%) each time the duty cycle is updated, and the duty cycle reaches the desired value (75%) after 64
updates. This takes eight seconds if the update rate is 8/sec (bits [RATE2:RATE0] = '111'), and takes 64
seconds if the update rate is 1/sec. (bits [RATE2:RATE0] = '100'). However, if the step is 2/256, then the time
reduces to half. If the required adjustment is less than the value specified by step bits, the actual required value
is used. For example, if the current duty cycle is 50%, the required value is 73%, and the step is 4/256, a total of
15 updates are needed. The duty cycle increases 21.875% after the first 14 updates, and increases 1.125% in
the last update.
44
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com