Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 18Page - Texas Instruments AMC6821 Datasheet HTML 19Page - Texas Instruments AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments AMC6821 Datasheet HTML 22Page - Texas Instruments AMC6821 Datasheet HTML 23Page - Texas Instruments AMC6821 Datasheet HTML 24Page - Texas Instruments AMC6821 Datasheet HTML 25Page - Texas Instruments AMC6821 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
www.ti.com
FAN CONTROL
THERM Pin and External Hardware Control
THERM
THERM-FAN-EN
DriveFanat FullSpeed
(Drivefanatfullspeedwhen THERM-IN=1)
THERM-INbit
Output
Latch
Set
Reset
L-THERMBit
(Setto ‘1’ whenthelocaltemperatureis
greaterthantheLocal-THERM-Limit.)
R-THERMBit
(Setto ‘1’ whentheremotetemperatureis
greaterthantheRemote-THERM-Limit.)
Localtemperatureislessthan(Local-THERM-Limit
5 C)
- °
Output
Latch
Set
Reset
Remotetemp
(Remote-THERM-Limit
5 C)
eratureislessthan
- °
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The THERM pin is a bi-directional I/O, as shown in Figure 22.
THERM Pin As An Output
As an open-drain output, the THERM pin is the indicator of temperature over the THERM limit. When the remote
temperature exceeds the Remote-THERM-Limit, or when the local temperature is greater than the
Local-THERM-Limit, the THERM pin goes low and remains low until the measured temperature falls 5
°C below
the exceeded THERM limit.
Figure 22. Structure of the THERM Pin
22
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com