Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 4 Page - Texas Instruments

  AMC6821 Datasheet HTML 1Page - Texas Instruments AMC6821 Datasheet HTML 2Page - Texas Instruments AMC6821 Datasheet HTML 3Page - Texas Instruments AMC6821 Datasheet HTML 4Page - Texas Instruments AMC6821 Datasheet HTML 5Page - Texas Instruments AMC6821 Datasheet HTML 6Page - Texas Instruments AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
www.ti.com
SDA
SCLK
S
Sr
S
P
t
F
t
F
t
F
t
HD:STA
t
HD:DAT
t
SU:DAT
t
SU:STA
t
BUF
t
SU:STO
t
HIGH
t
LOW
t
HD:STA
t
R
TIMING REQUIREMENTS
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Figure 1. Timing Specification
At VDD = +3V or +5V, and TA = –40°C to +125°C, unless otherwise noted.
AMC6821
PARAMETER
MIN
TYP
MAX
UNIT
fSCLK
Clock frequency
100
kHz
tBUF
Bus free time
4.7
µs
tSU:STA
Start setup time
4.7
µs
tHD:STA
Start hold time
4.0
µs
tSU:STO
Stop condition setup time
4.0
µs
tLOW
SCLK low time
4.7
µs
tHIGH
SCLK high time
4.0
µs
tR
SCLK, SDA rise time
1000
ns
tF
SCLK, SDA fall time
300
ns
tSU:DAT
Data setup time
350
ns
tHD:DAT
Data hold time
350
ns
Time from software reset command or power-on to normal operation. During this period,
tPOR
1.5
ms
I2C™ communication is not recognized.
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com